Electronic Components Datasheet Search
  English  ▼

X  

LTM455CU Datasheet(PDF) 1 Page - Fronter Electronics Co., Ltd.

Part # LTM455CU
Description  22 PIN Version 6.5x6.5x6.2 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTER [Fronter Electronics Co., Ltd.]
Direct Link  http://www.chinafronter.com
Logo FRONTER - Fronter Electronics Co., Ltd.

LTM455CU Datasheet(HTML) 1 Page - Fronter Electronics Co., Ltd.

  LTM455CU Datasheet HTML 1Page - Fronter Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Address:Rm 1112-1117., Xinian Center. NO. 6021, Shennan Rd. Shenzhen Gaungdong 518040, China Tel:(86)755-83458718 Fax: (86)755-83459818 E-mial: sales@chinafronter.com
CERAMIC FILTER FOR COMMUNICATION
通讯设备用陶瓷滤波器
★
PARAMETERS
技术参数
Model
Centre
Frequency
Fc (KHz)
6dB
Band Width
(KHz) min
50dB
Band Width
(KHz) max
Stop Band Attenuation
Fc±100KHz
(dB) min
Pass Band
Ripple
(dB) max
Insertion
Loss
(dB) max
Input/Output
Impedance
( Ω)
Operating
Temperature
Range
LTM450BU
450.0
±
15.0
±
30.0
27
3.0
4.0
1500
-20~+80℃
LTM450CU
450.0
±
12.5
±
24.0
27
3.0
4.0
1500
-20~+80℃
LTM450DU
450.0
±
10.0
±
20.0
27
2.0
4.0
1500
-20~+80℃
LTM450EU
450.0
±
7.5
±
15.0
27
2.0
6.0
1500
-20~+80℃
LTM450FU
450.0
±
6.0
±
12.5
27
2.0
6.0
2000
-20~+80℃
LTM450GU
450.0
±
4.5
±
10.0
25
2.0
6.0
2000
-20~+80℃
LTM450HU
450.0
±
3.0
±
9.0
25
2.0
6.0
2000
-20~+80℃
LTM450IU
450.0
±
2.0
±
7.5
25
2.0
6.0
2000
-20~+80℃
LTM450HTU
450.0
±
3.0
±
9
35
2.0
6.0
2000
-20~+80℃
LTM450ITU
450.0
±
2.0
±
7.5
35
2.0
6.0
2000
-20~+80℃
LTM455BU
455.0
±
15.0
±
30.0
27
3.0
4.0
1500
-20~+80℃
LTM455CU
455.0
±
12.5
±
24.0
27
3.0
4.0
1500
-20~+80℃
LTM455DU
455.0
±
10.0
±
20.0
27
2.0
4.0
1500
-20~+80℃
LTM455EU
455.0
±
7.5
±
15.0
27
2.0
6.0
1500
-20~+80℃
LTM455FU
455.0
±
6.0
±
12.5
27
2.0
6.0
2000
-20~+80℃
LTM455GU
455.0
±
4.5
±
10.0
25
2.0
6.0
2000
-20~+80℃
LTM455HU
455.0
±
3.0
±
9.0
25
2.0
6.0
2000
-20~+80℃
LTM455IU
455.0
±
2.0
±
7.5
25
2.0
6.0
2000
-20~+80℃
LTM455HTU
455.0
±
3.0
±
9
35
2.0
6.0
2000
-20~+80℃
LTM455ITU
455.0
±
2.0
±
7.5
35
2.0
6.0
2000
-20~+80℃
☉All specification subject change without notice. 规格变化,恕不另行通知。
★ DIMENSIONS (Unit: mm)
外形尺寸
★ TEST CIRCUIT
测试线路
FRONTER ELECTRONICS CO., LTD.
深圳市 福浪电 子有限 公司
2+2 PIN Version 6.5×6.5×6.2 mm
Bandwidths from ±2.0KHz~±15.0KHz@6dB
High selectivity
Resin molded package for easy PCB mounting
Operating temperature range: -20 to +80℃
Storage temperature range: -40 to +85℃
RoHS
2002/95/EC
RoHS compliant


Similar Part No. - LTM455CU

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LTM455CU AURIS-LTM455CU Datasheet
143Kb / 1P
Filter THT
logo
ECS, Inc.
LTM455CU ECS-LTM455CU Datasheet
282Kb / 1P
4 ELEMENT CERAMIC FILTER
logo
auris-GmbH
LTM455CU AURIS-LTM455CU Datasheet
185Kb / 1P
Filter THT, Ceramic
logo
Token Electronics Indus...
LTM455CU TOKEN-LTM455CU Datasheet
342Kb / 3P
LTM 455/450 Ceramic Filters
logo
Shoulder Electronics Li...
LTM455CU SHOULDER-LTM455CU Datasheet
110Kb / 4P
CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
More results

Similar Description - LTM455CU

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JAG53P4 JAUCH-JAG53P4 Datasheet
143Kb / 1P
2 Pad Version
JAG84P2 JAUCH-JAG84P2 Datasheet
142Kb / 1P
2 Pad Version
logo
Schurter Inc.
231828 SCHURTER-231828 Datasheet
196Kb / 1P
Clip, 5 x 20 mm, Version 2
logo
Fronter Electronics Co....
LT450_U FRONTER-LT450_U Datasheet
186Kb / 1P
21 PIN Version 8.0x7.0x8.0 mm
LTM4505_W FRONTER-LTM4505_W Datasheet
155Kb / 1P
32 PIN Version 9.5x6.5x6.5 mm
SMD1.6X1.0 FRONTER-SMD1.6X1.0 Datasheet
237Kb / 2P
2 Pad Version 1.6x1.0 mm
SMD2.0X1.2 FRONTER-SMD2.0X1.2 Datasheet
229Kb / 2P
2 Pad Version 2.0x1.2 mm
SMD3.2X1.5 FRONTER-SMD3.2X1.5 Datasheet
158Kb / 2P
2 Pad Version 3.2x1.5 mm
SMD5032G FRONTER-SMD5032G Datasheet
224Kb / 2P
2 Pad Version 5.0x3.2 mm
SMD6035A FRONTER-SMD6035A Datasheet
231Kb / 2P
2 Pad Version 6.0x3.5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com