Electronic Components Datasheet Search
  English  ▼

X  

FT232RQ Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # FT232RQ
Description  Bit Bang Modes for the FT232R and FT245R
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RQ Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  FT232RQ Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Bit Bang Modes for the FT232R and FT245R
Copyright © 2006 Future Technology Devices International Ltd.
1.3
Synchronous Bit Bang Mode
Synchronous Bit Bang mode is the same as the FT2232 Synchronous Bit Bang mode. With
Synchronous Bit Bang mode, data will only be sent out if there is space in the device for data to be
read from the pins. This Synchronous Bit Bang mode will read the data bus pins first, before it
sends out the byte that has just been transmitted. It is therefore 1 byte behind the output and so to
read the inputs for the byte that you have just sent, another byte must be sent. For example:
· Pins start at 0xFF
· Send 0x55, 0xAA
· Pins go to 0x55 and then to 0xAA
· Data read = 0xFF, 0x55
· Pins start at 0xFF
· Send 0x55, 0xAA, 0xAA (repeat the last byte sent)
· Pins go to 0x55 and then to 0xAA
· Data read = 0xFF, 0x55, 0xAA
The timing for Synchronous Bit bang is described in this diagram and the table below:
Time
Description
t1
Current pin state is read
t2
RD# is set inactive
t3
RD# is set active again, and any pins that are
output will change to the new data.
t4
Clock state for data setup
t5
WR# goes active
t6
WR# goes inactive
For the data to change there has to be new data written and the Baud rate clock has to tick. If no
new data is written to the device, the pins will hold the last value written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com