Electronic Components Datasheet Search
  English  ▼

X  

PS385CPE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PS385CPE
Description  Precision, 17V Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS385CPE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PS385CPE Datasheet HTML 1Page - Pericom Semiconductor Corporation PS385CPE Datasheet HTML 2Page - Pericom Semiconductor Corporation PS385CPE Datasheet HTML 3Page - Pericom Semiconductor Corporation PS385CPE Datasheet HTML 4Page - Pericom Semiconductor Corporation PS385CPE Datasheet HTML 5Page - Pericom Semiconductor Corporation PS385CPE Datasheet HTML 6Page - Pericom Semiconductor Corporation PS385CPE Datasheet HTML 7Page - Pericom Semiconductor Corporation PS385CPE Datasheet HTML 8Page - Pericom Semiconductor Corporation PS385CPE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
2
PS8186A
07/15/98
PS381/PS383/PS385
Precision, 17V Analog Switches
Absolute Maximum Ratings
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not
implied.
Electrical Specifications - Dual Supplies
(V± = ± 5V ±10%, GND = 0V, V
INH = 2.4V, VINL = 0.8V)
Thermal Information
Continuous Power Dissipation (TA= +70
ºC)
Plastic DIP (derate 10.5mW/ ºC above +70ºC) . . . . . . 800mW
Narrow SO (derate 8.7mW/ ºC above +70ºC) . . . . . . . 650mW
Storage Temperature . . . . . . . . . . . . . . . . . . . -65ºC to +150ºC
Lead Temperature (soldering, 10s) . . . . . . . . . . . . . . .
+300ºC
Note 1: Signals on NC, NO, COM, or IN exceeding V+ or V-
are clamped by internal diodes. Limit forward diode current
to maximum current rating
Voltages Referenced to V-
V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +17V
GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +17V
GND . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (V+) +0.3V
VIN, VCOM, VNC, VNO (Note 1) . . . . (V-) -2V to (V+) +2V
or 30mA, whichever occurs first
Current (any terminal) . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
Peak Current, COM, NO, NC
(pulsed at 1ms, 10% duty cycle) . . . . . . . . . . . . . . . . 100mA
ESD per Method 3015.7 . . . . . . . . . . . . . . . . . . . . . . >2000V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(
.
p
m
e
Tn
i
M (2)
p
y
T
)
1
(
x
a
M
)
2
(
s
ti
n
U
h
c
ti
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
ll
u
F-
V+
VV
e
c
n
a
t
si
s
e
R
n
OR N
O
V
,
V
5
.
4
-
=
-
V
,
V
5
.
4
=
+
V
O
N
V
r
o
C
N
V
5
.
3
±
=
I M
O
C
,
A
m
0
1
-
=
5
26
10
3
Ω
ll
u
F0
4
h
c
t
a
M
e
c
n
a
t
si
s
e
R
-
n
O
e
n
n
a
h
C
n
e
e
w
t
e
B
(
4)
∆R N
O
V O
N
V
r
o
C
N
I
,
V
3
±
=
M
O
C
,
A
m
0
1
-
=
V
5
-
=
-
V
,
V
5
=
+
V
5
22
.
02
ll
u
F4
s
s
e
n
t
al
F
e
c
n
a
t
si
s
e
R
-
n
O
)
5
(
R
)
N
O
(
T
A
L
F
,
V
5
-
=
-
V
,
V
5
=
+
V
I M
O
C
V
,
A
m
0
1
-
=
O
N
V
r
o
C
N
V
5
.
3
±
=
5
21
4
ll
u
F6
e
g
a
k
a
e
L
ff
O
C
N
r
o
O
N
t
n
e
rr
u
C
)
6
(
I
)
F
F
O
(
O
N
r
o
I
)
F
F
O
(
C
N
V
,
V
5
.
5
-
=
-
V
,
V
5
.
5
=
+
V
M
O
C
,
V
5
.
4
±
=
V C
N
V
r
o
O
N
V
5
.
4
+
=
5
21
.
0
-1
0
0
.
0
-1
.
0
A
n
ll
u
F5
.
2
-5
.
2
e
g
a
k
a
e
L
ff
O
M
O
C
t
n
e
rr
u
C
)
6
(
I
)
F
F
O
(
M
O
C
-
V
,
V
5
.
5
=
+
VV
5
.
5
-
=
V M
O
C
V
,
V
5
.
4
±
=
O
N
V
r
o
C
N
V
5
.
4
+
=
5
21
.
0
-1
0
0
.
0
-1
.
0
ll
u
F5
.
2
-5
.
2
e
g
a
k
a
e
L
n
O
M
O
C
t
n
e
rr
u
C
)
7
(
I
)
N
O
(
M
O
C
V
,
V
5
.
5
-
=
-
V
,
V
5
.
5
=
+
V
M
O
C
V
5
.
4
±
=
V O
N
V
r
o
C
N
V
5
.
4
±
=
5
22
.
0
-2
0
0
.
02
.
0
ll
u
F5
-5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com