Electronic Components Datasheet Search
  English  ▼

X  

PS385ESE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PS385ESE
Description  Precision, 17V Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS385ESE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PS385ESE Datasheet HTML 1Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 2Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 3Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 4Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 5Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 6Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 7Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 8Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS381/PS383/PS385
Precision, 17V Analog Switches
7
PS8186A
07/15/98
Typical Operating Characteristics (continued)
Switching Times vs. Supply Voltage
02
4
-2
-4
6
0
10
8
6
4
2
VIN - Logic Control Voltage (V)
V+ = +5.5V
V- = -5.5V
Supply Current vs. VIN
V+, V- (±V)
±6
±7
±8
±5
±4
±3
0
100
80
60
40
20
tOFF
tON
Leakage Current vs. Temperature
V+, V- (±V)
±6
±7
±8
±5
±4
±3
0
5
4
3
2
1
Input Switching Threshold
vs. Supply Voltages
Switching Times vs. Temperature
Supply Currents vs. Switching Frequency
Frequency (MHz)
45
3
2
1
I+
I-
0
2.5
2
1.5
1
0.5
V+ = +5V
V- = -5V
V
IN = 5VP-P
Temperature (˚C)
+80
+120
+40
0
-40
0.01pA
1nA
100pA
10pA
1pA
0.1pA
V± = ±5V
INC, NO (OFF), ICOM (OFF)
ICOM (ON)
Temperature (˚C)
80
120
0
0
-40
40
80
60
20
40
tON
tOFF
v± = ±5v



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com