Electronic Components Datasheet Search
  English  ▼

X  

AN1 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # AN1
Description  Intrinsically Linear Angle Position Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

AN1 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  AN1 Datasheet HTML 1Page - ZF Friedrichshafen AG AN1 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, last update 2014-10-29, Specifications subject to change without notice.
Angle Position Sensors
AN1 Sensors
Intrinsically Linear Angle Position Sensor
Description
The AN1 Series sensors are one-piece, intrinsically linear contact angle position sensors. The sensors operate through the use of
Hall Effect technology with magnetic fields generated by permanent magnets. They provide a linear change in voltage output
(ratiometric to the input voltage) corresponding to an angular rotation of the input shaft.
Features
Typical Applications
Patented intrinsically linear angle position sensor (ILAPS)
Magnet/sensor orientation provides linear output from 5° to
85° of rotation without the need for electrical compensation
Return spring provides resistance to CCW motion
Fully encapsulated electronics
RoHS compliant
IP67
Implement (fork lift, agricultural trailer hitch,
etc.) position sensing
Steer, throttle by wire
Gear selection
Zero-contact encoder alternative
Environmental Specifications
Vibration
1g RMS axial, 5g RMS horizontal, 8g RMS vertical; 20 Hz to 2 kHz
Operating Temperature
-40 °C to 125 °C (-40 °F to 257 °F)
Storage Temperature
-40 °C to 135 °C (-40 °F to 275 °F)
Ingress Protection
IP67
Electrical Specifications
Input Voltage
5.0 VDC ± 10%
Output Voltage vs. Rotation Angle
0° to 5° : 10% of Input Voltage, 5° to 85°: ratiometric (linear from 10%
to 90% of Input Voltage), 85° to 120°: 90% of Input Voltage (see chart)
Input Current
8 mA @ 5 VDC
Output Current
-1.25 mA to 1.25 mA
Output Linearity
±2%
Mechanical Specifications
Housing Material
Glass Reinforced Plastic
Mechanical Travel
120° maximum rotation
Rotation Torque
0.21 Nm (30 in oz) max with return spring
Mass
24 g (0.85 oz)
Life
+10 million full cycles
Products
Part Number
Sensing Direction
Connector
Terminal
Housing
AN101101
Counter-clockwise
Delphi Metri-pack 150
12162185
Delphi 12124075
Delphi 12162185


Similar Part No. - AN1

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
CFM/CMM Thermo Anemometer
logo
Microchip Technology
AN1000 MICROCHIP-AN1000 Datasheet
1Mb / 16P
A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
logo
STMicroelectronics
AN1000 STMICROELECTRONICS-AN1000 Datasheet
67Kb / 3P
Application note
04-Oct-2011
logo
List of Unclassifed Man...
AN1000-521P ETC1-AN1000-521P Datasheet
39Kb / 1P
AN0625-521P
logo
NXP Semiconductors
AN1000 PHILIPS-AN1000_15 Datasheet
147Kb / 18P
Evaluation of the SA601/SA606 demoboard
1997 Aug 20
More results

Similar Description - AN1

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR4001 HONEYWELL-HMR4001 Datasheet
200Kb / 4P
LINEAR POSITION SENSOR MODULE
SMART HONEYWELL-SMART Datasheet
510Kb / 4P
smart position sensor,75 mm linear configuration
logo
ams AG
AS5410 AMSCO-AS5410 Datasheet
610Kb / 56P
3D-Hall Absolute Linear Position Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
Position Programmable Linear Hall Effect Sensor
logo
Vishay Siliconix
20LHE VISHAY-20LHE Datasheet
381Kb / 4P
Linear Position Sensor in Hall Effect Technology
27-Mar-15
logo
Honeywell Solid State E...
HMR4007 HONEYWELL-HMR4007 Datasheet
316Kb / 4P
LINEAR POSITION SENSOR MODULE
logo
TE Connectivity Ltd
KMXP TEC-KMXP Datasheet
368Kb / 7P
Linear Position Sensor
logo
MultiDimension Technolo...
LPS-TMR125A4 MULTIDIMENSION-LPS-TMR125A4 Datasheet
547Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
LPS-TMR125B4 MULTIDIMENSION-LPS-TMR125B4 Datasheet
545Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
logo
List of Unclassifed Man...
49E ETC2-49E Datasheet
512Kb / 4P
49E Hall-Effect Linear Position Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com