Electronic Components Datasheet Search
  English  ▼

X  

AN8 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # AN8
Description  Programmable, non-contact magnetic position sensors capable of continuous rotation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

AN8 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  AN8 Datasheet HTML 1Page - ZF Friedrichshafen AG AN8 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, last update 2014-10-29, Specifications subject to change without notice.
Angle Position Sensors
AN8 Sensors
Programmable, non-contact magnetic position
sensors capable of continuous rotation
Description
The AN8 Series sensors are non-contact, intrinsically linear contact angle position sensors. The sensors operate through the use
of Hall Effect technology with magnetic fields generated by permanent magnets. They provide a linear change in voltage output
(ratiometric to the input voltage) corresponding to an angular rotation of the input shaft.
Features
Typical Applications
Angular position sensor with high tolerance for misalignment
Non-contact angular position sensing and full 360° rotation
Custom programming available for: angle range, slope, PWM
output, custom magnets – contact factory
No mechanical interface means no parts to wear out or jam
Available with Delphi connector or 12” (305 mm) wire leads
RoHS compliant
IP67
Maximum air gap of 5.5 mm (0.22”)*
Implement (fork lift, agricultural trailer hitch,
etc.) position sensing
Steer, throttle by wire
Gear selection
Zero-contact encoder alternative
Replacement for smart bearings
Outboard trim sensing
Environmental Specifications
Vibration
6g sinusoidal, 8 g RMS axial; 40Hz – 2 kHz all 3 axes
Operating Temperature
-40 °C to 125 °C (-40 °F to 257 °F) with Delphi connectors,
-40 °C to 150 °C (-40 °F to 302 °F) with wire leads
Storage Temperature
-40 °C to 150 °C (-40 °F to 302 °F)
Ingress Protection
IP67
Electrical Specifications
Input Voltage
5.0 VDC ± 10%
Output Voltage
10% to 90% of input (see graph for voltage vs. rotation angle
characteristics)
Input Current
14 mA typ., 16 mA max.
Output Current
-8 mA to 8 mA
Output Accuarcy
±3.5%
Output Linearity
±3.5%
Maximum Overvoltage
16 VDC
Absolute Max. Output Current
±30 mA
Output Type
Analog (PWM available)
Mechanical Specifications
Housing Material
Glass Reinforced Plastic
Mechanical Travel
0° to 360° (continuous)
Mating Connector
Delphi Metri-pak 150.2 12162185; Terminal 1214075 / 2047680
Maximum Air Gap*
*with AS500106 magnet carrier
5.5 mm (0.22")
Maximum Center-To-Center Offset
2 mm radial (magnet to center)


Similar Part No. - AN8

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
AN8 COPAL-AN8 Datasheet
125Kb / 8P
Dgital Potentiometers
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8000M PANASONIC-AN8000M Datasheet
56Kb / 7P
3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8001FHK PANASONIC-AN8001FHK Datasheet
66Kb / 8P
Gradation voltage generation IC for liquid crystal display
AN8002 PANASONIC-AN8002 Datasheet
56Kb / 7P
3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results

Similar Description - AN8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P22S VISHAY-P22S Datasheet
96Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
logo
ZF Friedrichshafen AG
AN9 ZFSWITCHES-AN9 Datasheet
397Kb / 2P
Thin, programmable, non-contact magnetic position sensors capable of continuous rotation with dual outputs
ANG ZFSWITCHES-ANG Datasheet
410Kb / 2P
Thin, programmable, non-contact magnetic position sensors capable of continuous rotation, with dual outputs available
LIN ZFSWITCHES-LIN Datasheet
405Kb / 2P
Thin, programmable, non-contact magnetic position sensors with dual outputs available
logo
Vishay Siliconix
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
POHR36 VISHAY-POHR36_V01 Datasheet
266Kb / 11P
Single-Turn Continuous Rotation Analog Displacement Sensors
08-Mar-2019
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
Single-Turn Continuous Rotation Analog Displacement Sensors
11-May-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
Single-Turn Continuous Rotation Analog Displacement Sensors
25-Aug-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Jul-2021
PP22B VISHAY-PP22B_V01 Datasheet
109Kb / 5P
Single-Turn Continuous Rotation Analog Displacement Sensors
14-Oct-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com