Electronic Components Datasheet Search
  English  ▼

X  

AN9 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # AN9
Description  Thin, programmable, non-contact magnetic position sensors capable of continuous rotation with dual outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

AN9 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  AN9 Datasheet HTML 1Page - ZF Friedrichshafen AG AN9 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.switches-sensors.zf.com
Page 1 of 2, last update 2017-01-05, Specifications subject to change without notice.
#NP#_ TY9vb4IwEM a/CumrLZ PZFlDwHZ 2dY Q7E P5vD NCGV 4mxGqKHVLDF+ 95Xt zS655 O65 3+XuuYKqApMr 6A6JABOAI ILgNr Bi3 7HhlJv6 DvmhF+ARRgGE8MEmvG dDMA BC9 pvcgt8 2rLDv 61RWndLqYJyt6kS PJVMrkyLYZ XHw Qe cLCItiNQtf3ndpE WbYIoe TJYoJY1 /ae L49 wJhshbxI ceY NY+StTGg 5a9SeN+Wa N7 Uuk1a ctelkL6jmb KRqNWN5v nJeN5kTr4ijj7yr GbM OuD7 WtbHj dd1 q1 dmCtp+ N1M d/0zLOopJmj0JVvZPT3 9PPGU7jfI bHI zyaL3 O4 2KKlV+B0E1rG /CI heYr INCKuhyh2fRqN3Z hQ6BLohcj HEbYJ brcf_# NP#
Angle Position Sensors
AN9 Sensors
Thin, programmable, non-contact magnetic position sensors
capable of continuous rotation with dual outputs
Description
The AN9 Series sensors are non-contact, intrinsically linear angle position sensors with two independent outputs. The sensors
operate through the use of Hall Effect technology with magnetic fields generated by permanent magnets. They provide a linear
change in voltage output (ratiometric to the input voltage) corresponding to an angular rotation of the input shaft.
Features
Typical Applications
Angular position sensor with high tolerance for misalignment
Non-contact angular position sensing and full 360° rotation
Dual independent (fully redundant) outputs assure high reliability
Custom programming available for: angle range, slope, PWM
output, custom magnets
– contact factory
No mechanical interface means no parts to wear out or jam
Comes with 18 AWG 305 mm
(12”) wire leads
RoHS Compliant
IP68*
Maximum air gap of 5.5 mm (0.22”)**
Implement (fork lift, agricultural trailer hitch,
etc.) position sensing
Steer, throttle by wire
Gear selection
Zero-contact encoder alternative
Replacement for smart bearings
Outboard trim sensing
Environmental Specifications
Vibration
15g sinusoidal, 9.26g RMS axial; 40 Hz
– 2 kHz all 3 axes
Operating Temperature
-40 °C to 125 °C (-40 °F to 257 °F)
Storage Temperature
-40 °C to 150 °C (-40 °F to 302 °F)
Ingress Protection
IP68*
*submerged in 22±3 °C water for 1 hour at 2 m depth
Electrical Specifications
Input Voltage
5.0 VDC ± 10%
Output Voltage
10% to 90% of input (see graph for voltage vs. rotation angle
characteristics)
Input Current
14 mA typ., 16 mA max.
Output Current
-8 mA to 8 mA
Output Accuracy
±3.5%
Output Linearity
±3.5%
Maximum Overvoltage
16 VDC
Absolute Max. Output Current
±30 mA
Output Type
Analog (PWM available)
Mechanical Specifications
Housing Material
Glass Reinforced Plastic
Mechanical Travel
0° to 360° (continuous)
Maximum Air Gap**
5.5 mm (0.22")
**with AS500106 magnet carrier
Maximum Center-To Center Offset
2 mm radial (magnet to center)
Note: When used with AS500106 Magnet Carrier; user is responsible for determining characteristics when using other magnets.
Products
Sensing Range
Wires


Similar Part No. - AN9

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
AN9 COPAL-AN9 Datasheet
114Kb / 7P
Digital Potentiometers
logo
STMicroelectronics
AN900 STMICROELECTRONICS-AN900 Datasheet
787Kb / 15P
INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
logo
Fairchild Semiconductor
AN9008 FAIRCHILD-AN9008 Datasheet
130Kb / 9P
The Use of QFETs in a Flyback Converter
logo
STMicroelectronics
AN901 STMICROELECTRONICS-AN901 Datasheet
88Kb / 14P
Electromagnetic compatibility
1000-4-6
logo
Silicon Laboratories
AN901 SILABS-AN901 Datasheet
634Kb / 25P
DESIGN GUIDE FOR ISOLATED DC/DC
More results

Similar Description - AN9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P22S VISHAY-P22S Datasheet
96Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
logo
TOCOSAMERICA, INC.
RSM012 TOCOS-RSM012 Datasheet
418Kb / 5P
Low Profile, Dual Output, Non-Contact Angle/Position Sensors
logo
ZF Friedrichshafen AG
AN8 ZFSWITCHES-AN8 Datasheet
371Kb / 2P
Programmable, non-contact magnetic position sensors capable of continuous rotation
ANG ZFSWITCHES-ANG Datasheet
410Kb / 2P
Thin, programmable, non-contact magnetic position sensors capable of continuous rotation, with dual outputs available
LIN ZFSWITCHES-LIN Datasheet
405Kb / 2P
Thin, programmable, non-contact magnetic position sensors with dual outputs available
logo
Vishay Siliconix
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
Single-Turn Continuous Rotation Analog Displacement Sensors
06-Oct-16
POHR36 VISHAY-POHR36_V01 Datasheet
266Kb / 11P
Single-Turn Continuous Rotation Analog Displacement Sensors
08-Mar-2019
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
Single-Turn Continuous Rotation Analog Displacement Sensors
11-May-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
Single-Turn Continuous Rotation Analog Displacement Sensors
25-Aug-2022
PP22B VISHAY-PP22B_V01 Datasheet
109Kb / 5P
Single-Turn Continuous Rotation Analog Displacement Sensors
14-Oct-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com