Electronic Components Datasheet Search
  English  ▼

X  

VN1306N2 Datasheet(PDF) 4 Page - Supertex, Inc

Part # VN1306N2
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN1306N2 Datasheet(HTML) 4 Page - Supertex, Inc

  VN1306N2 Datasheet HTML 1Page - Supertex, Inc VN1306N2 Datasheet HTML 2Page - Supertex, Inc VN1306N2 Datasheet HTML 3Page - Supertex, Inc VN1306N2 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7-194
VN1304/VN1306/VN1310
Gate Drive Dynamic Characteristics
QG (nanocoulombs)
Tj(°C)
V(th) and RDS Variation with Temperature
On-Resistance vs. Drain Current
Tj (°C)
Transfer Characteristics
VGS (volts)
Capacitance vs. Drain-to-Source Voltage
50
VDS (volts)
ID (amperes)
BVDSS Variation with Temperature
0
10203040
25
02468
10
1.5
1.2
0.9
0.6
0.3
-50
0
50
100
150
1.1
1.0
0.9
15
6
1.25
1.0
2.0
1.6
1.2
0.8
0.4
10
8
6
4
2
04
812
16
20
-50
0
50
100
150
25 pF
VDS = 40V
VDS = 10V
VGS = 5V
VGS = 10V
TA = -55°C
VDS = 25V
25
°C
125
°C
0
0.3
0.6
0.9
1.5
1.2
3
9
12
f = 1MHz
CISS
COSS
CRSS
60 pF
0.75
V(th) @ 1mA
RDS(ON) @ 10V, 500mA
RDS(ON) @ 5V, 50mA
0
0
0
0
0
Typical Performance Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com