Electronic Components Datasheet Search
  English  ▼

X  

SR4POST52HD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR4POST52HD
Description  52U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR4POST52HD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR4POST52HD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR4POST52HD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR4POST52HD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52U Heavy-Duty 4-Post SmartRack Open Frame
Rack - Organize and Secure Network Rack
Equipment
MODEL NUMBER: SR4POST52HD
Description
Tripp Lite's 52U Heavy-Duty 4-Post Open Frame Rack helps IT managers organize their equipment array
and provides fast, easy access to installed IT equipment. The SR4POST52HD is a simple solution for
housing IT equipment in secure environments and other areas that don’t require a lockable rack solution.
This 52U rack features heavy-duty cold-rolled steel construction with a black powder-coated finish for
durability. It supports stationary loads up to 3000 lb. The SR4POST52HD comes with all the hardware
required for assembly and has a self-squaring design with bolt-down provisions. For high-density
applications, multiple units can be bolted together side by side.
The open design of the SR4POST52HD provides unobstructed airflow and easy access to equipment and
cabling. It has numbered, square-hole mounting positions for easy installation of standard 19-inch rack
equipment. The SR4POST52HD supports equipment depths up to 35 inches. This rack also
accommodates toolless button-hole mounting for vertical PDUs and cable managers.
The optional SRCASTERHDKIT Heavy-Duty Rolling Caster Kit adds mobility to the SR4POST52HD. The
rack supports rolling loads of 3000 lb. The SR4POST52HD also supports optional side panels with the
SR52SIDE4PHD, a set of two half-size side panels that add a finished look to end-of-row racks in your
data center.
Features
Weight capacity of 3000 lbs. stationary
q
Supports equipment depths up to 35 inches
q
Textured, black powder coat finish
q
Heavy-duty cold-rolled steel construction
q
Highlights
52U Heavy-Duty 4-post open
frame rack
q
Black steel with square,
numbered mounting holes
q
Toolless button holes to accept
PDUs or cable managers
q
Package Includes
SR4POST52HD Heavy-Duty 4-
Post Open Frame Rack
q
Installation hardware
q
(2x) PDU/Cable management
brackets
q
Owner's manual with warranty
information
q
1 / 3


Similar Part No. - SR4POST52HD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR4POST50HD TRIPPLITE-SR4POST50HD Datasheet
165Kb / 3P
50U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SR4POST58HD TRIPPLITE-SR4POST58HD Datasheet
165Kb / 3P
58U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
More results

Similar Description - SR4POST52HD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR2POST13 TRIPPLITE-SR2POST13 Datasheet
482Kb / 2P
13U SmartRack 2-Post Open Frame Rack - Organize and Secure Network Rack Equipment
SR4POST13 TRIPPLITE-SR4POST13 Datasheet
488Kb / 3P
13U SmartRack 4-Post Open Frame Rack - Organize
SR4POST25 TRIPPLITE-SR4POST25 Datasheet
478Kb / 3P
25U SmartRack 4-Post Open Frame Rack - Organize
SR48UBEXPNDNR3 TRIPPLITE-SR48UBEXPNDNR3 Datasheet
485Kb / 3P
48U SmartRack 4-Post Premium Open Frame Rack
SR2POST TRIPPLITE-SR2POST Datasheet
467Kb / 2P
45U SmartRack 2-Post Open Frame Rack, 800-lb. Capacity - Organize and Secure Network Rack Equipment
SR12UBEXPNDKD TRIPPLITE-SR12UBEXPNDKD Datasheet
514Kb / 3P
SmartRack 12U 4-Post Open Frame Rack
SR4POST58HD TRIPPLITE-SR4POST58HD Datasheet
165Kb / 3P
58U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SR2POST25 TRIPPLITE-SR2POST25 Datasheet
155Kb / 2P
25U SmartRack 2-Post Open Frame Rack - Organize and Secure Network Rack Equipment
SR4POST48HD TRIPPLITE-SR4POST48HD Datasheet
165Kb / 3P
48U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
SR4POST50HD TRIPPLITE-SR4POST50HD Datasheet
165Kb / 3P
50U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com