Electronic Components Datasheet Search
  English  ▼

X  

SR4POST58HD Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR4POST58HD
Description  58U Heavy-Duty 4-Post SmartRack Open Frame Rack - Organize and Secure Network Rack Equipment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR4POST58HD Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR4POST58HD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR4POST58HD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR4POST58HD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Numbered mounting positions
q
Bolt down provisions
q
Self-squaring design
q
Easy assembly
q
Optional SRCASTERHDKIT heavy-duty caster kit permits mobile use of 3,000 lb rolling loads
q
Optional SR58SIDE4PHD side panels for end-of-the-row aesthetics
q
OVERVIEW
UPC Code
037332185815
PHYSICAL
Rack Height
58U
Maximum Device Depth (in.)
35.25
Maximum Device Depth (cm)
89.54
Shipping Dimensions (hwd / in.)
6.75 x 9.50 x 111.25
Shipping Dimensions (hwd / cm)
17.14 x 24.13 x 282.58
Shipping Weight (lbs.)
133.00
Shipping Weight (kg)
60.33
Unit Dimensions (hwd / in.)
107.5 x 24 x 35.25
Unit Dimensions (hwd / cm)
273.05 x 60.96 x 89.54
Unit Weight (lbs.)
125
Unit Weight (kg)
56.70
Color
Black
Weight Capacity - Stationary (lbs.)
3000
Weight Capacity - Stationary (kg)
1,361
Maximum Device Depth (mm)
895
CERTIFICATIONS
Approvals
EIA-310-D, IEC 60297-3-100, RoHS
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com