Electronic Components Datasheet Search
  English  ▼

X  

VN1304 Datasheet(PDF) 3 Page - Supertex, Inc

Part # VN1304
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN1304 Datasheet(HTML) 3 Page - Supertex, Inc

  VN1304 Datasheet HTML 1Page - Supertex, Inc VN1304 Datasheet HTML 2Page - Supertex, Inc VN1304 Datasheet HTML 3Page - Supertex, Inc VN1304 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7-193
7
8V
Output Characteristics
1.6
1.2
0.8
VDS (volts)
Saturation Characteristics
1.6
1.2
0.8
0.4
VDS (volts)
Maximum Rated Safe Operating Area
0.1
100
10
1.0
0.1
1.0
10
.01
VDS (volts)
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0.001
10
0.01
0.1
1
tp (seconds)
Transconductance vs. Drain Current
0.4
0.3
0.2
0.1
0
0
2.0
0.4
0.8
1.2
1.6
ID (amperes)
Power Dissipation vs. Ambient Temperature
0
150
100
50
2.5
2.0
1.5
1.0
0.5
0
125
75
25
TA (°C)
TO-92
TA = -55°C
TA = 25°C
TA = 25°C
TA = 125°C
VDS = 25V
010
20
30
50
40
VGS = 10V
02
4
6
10
8
VGS = 10V
4V
2.0
8V
6V
4V
6V
TO-39
0
0
0
2.0
0.5
0.4
TO-92 (pulsed)
TO-92 (DC)
TO-39 (DC)
TO-39
(pulsed)
TO-39
PD = 3.5W
TC = 25°C
TO-92
PD = 1W
TC = 25°C
Typical Performance Curves
VN1304/VN1306/VN1310



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com