Electronic Components Datasheet Search
  English  ▼

X  

S3901 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S3901
Description  NMOS Linear image sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S3901 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S3901 Datasheet HTML 1Page - Hamamatsu Corporation S3901 Datasheet HTML 2Page - Hamamatsu Corporation S3901 Datasheet HTML 3Page - Hamamatsu Corporation S3901 Datasheet HTML 4Page - Hamamatsu Corporation S3901 Datasheet HTML 5Page - Hamamatsu Corporation S3901 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NMOS linear image sensor
S3901/S3904 series
0.3
0.2
0.1
0
200
400
600
800
1000
1200
WAVELENGTH (nm)
(Ta=25 ˚C)
Terminal
Input or output
Description
φ1, φ2
Input
(CMOS logic compatible)
Pulses for operating the MOS shift register. The video data rate is
equal to the clock pulse frequency since the video output signal is
obtained synchronously with the rise of φ2 pulse.
φst
Input
(CMOS logic compatible)
Pulse for starting the MOS shift register operation. The time interval
between start pulses is equal to the signal accumulation time.
Vss
-
Connected to the anode of each photodiode. This should be
grounded.
Vscg
Input
Used for restricting blooming. This should be grounded.
Vscd
Input
Used for restricting blooming. This should be biased at a voltage
equal to the video bias voltage.
Active video
Output
Video output signal. Connects to photodiode cathodes when the
address is on. A positive voltage should be applied to the video
line in order to use photodiodes with a reverse voltage. When the
amplitude of φ1 and φ2 is 5 V, a video bias voltage of 2 V is
recommended.
Dummy video
Output
This has the same structure as the active video, but is not
connected to photodiodes, so only spike noise is output. This
should be biased at a voltage equal to the active video or left as an
open-circuit when not needed.
Vsub
-
Connected to the silicon substrate. This should be grounded.
End of scan
Output
(CMOS logic compatible)
This should be pulled up at 5 V by using a 10 kΩ resistor. This is a
negative going pulse that appears synchronously with the φ2
timing right after the last photodiode is addressed.
NC
-
Should be grounded.
(Typ. Vb=2 V, V =5 V, light source: 2856 K)
10
–5
10
2
10
1
10
0
10
–1
10
–2
10
–3
10
–4
10
–3
10
–2
10
–1
10
0
EXPOSURE (lx · s)
S3904 SERIES
SATURATION EXPOSURE
S3901 SERIES
SATURATION
CHARGE
KMPDB0149EA
Figure 5 Spectral response (typical example)
Figure 6 Output charge vs. exposure
KMPDB0042EB
s Construction of image sensor
The NMOS image sensor consists of a scanning circuit made
up of MOS transistors, a photodiode array, and a switching
transistor array that addresses each photodiode, all integrated
onto a monolithic silicon chip. Figure 1 shows the circuit of a
NMOS linear image sensor.
The MOS scanning circuit operates at low power consump-
tion and generates a scanning pulse train by using a start
pulse and 2-phase clock pulses in order to turn on each ad-
dress sequentially. Each address switch is comprised of an
NMOS transistor using the photodiode as the source, the
video line as the drain and the scanning pulse input section
as the gate.
The photodiode array operates in charge integration mode
so that the output is proportional to the amount of light expo-
sure (light intensity × integration time).
Each cell consists of an active photodiode and a dummy
photodiode, which are respectively connected to the active
video line and the dummy video line via a switching transis-
tor. Each of the active photodiodes is also connected to the
saturation control drain via the saturation control transistor,
so that the photodiode blooming can be suppressed by
grounding the saturation control gate. Applying a pulse sig-
nal to the saturation control gate triggers all reset. (See “Aux-
iliary functions”.)
Figure 2 shows the schematic diagram of the photodiode
active area. This active area has a PN junction consisting of
an N-type diffusion layer formed on a P-type silicon substrate.
A signal charge generated by light input accumulates as a
capacitive charge in this PN junction. The N-type diffusion
layer provides high UV sensitivity but low dark current.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com