Electronic Components Datasheet Search
  English  ▼

X  

E19 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # E19
Description  Double Pole General Purpose
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

E19 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  E19 Datasheet HTML 1Page - ZF Friedrichshafen AG E19 Datasheet HTML 2Page - ZF Friedrichshafen AG E19 Datasheet HTML 3Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.cherryswitches.com
Page 1 of 3, Last update 2016-01-20, Specifications subject to change without notice.
Snap Action Switch
Double Pole General Purpose
E19, E20, G20
Features
Typical Applications
•
Choice of 3 current ratings
•
Long life coil spring, snap action mechanism
•
Agency approved extended life versions available
•
RoHS compliant
•
High temperature versions available – contact factory
•
Household appliances
•
Automated assembly lines
•
Brake switch on utility vehicles
•
Industrial and accessible door openers
•
Vending machines
Part Number Breakdown
E19-00A0
Example: E19-00A0 is a 15 A, normally open DPDT pole switch with a standard ratio button
actuator.
Series Type
Type
1
Circuitry
Actuator
1
E19
Double pole
15 A
0
Standard ratio actuator
or button
0
Double Throw
A
Button
E20
Double pole
20 A
5
High ratio actuator
1
Normally Open
H
Lever
G20
Double pole
0.1 A
2
Normally Closed
J
Button with ferrule
K
Roller
1See Actuator Specifications section for available actuator/type combinations
M
Button with extra
over-travel and
ferrule
Electrical Specifications per UL1054 – Min 6000 Operations
E19
6000 operations; 100,000 available – contact factory
15 A, 125 / 250 VAC
¾ HP, 125 VAC / 1 ½ HP, 250 VAC
E20
6000 operations
20 A, 125 / 250 VAC
1 HP, 125 VAC / 2 HP, 250 VAC
G20
100,000 operations
0.1 A, 125 VAC
Commonly Stocked Distributor Parts
E19-00A0
E19-00M0
E20-00H0
E20-50K0
E19-00H0
E19-50H0
E20-00K0
E19-00J0
E19-50K0
E20-00M0
E19-00K0
E20-00A0
E20-50H0
Note: Part numbers with a leading 0 are functionally no different than without a leading 0 (ex.: 0E19-00A0 is the same switch as E19-
00A0)


Similar Part No. - E19

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
E19 DBLECTRO-E19 Datasheet
391Kb / 2P
SCSI-II D-SUB PCB RIGHT ANGLE
logo
Cherry Semiconductor Co...
E19 CHERRY-E19 Datasheet
3Mb / 3P
5 current ratings
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
Snap Action Switch Double Pole General Purpose
E19-00H0 CHERRY-E19-00H0 Datasheet
532Kb / 3P
Snap Action Switch Double Pole General Purpose
E19-00J0 CHERRY-E19-00J0 Datasheet
532Kb / 3P
Snap Action Switch Double Pole General Purpose
More results

Similar Description - E19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV23 PHILIPS-BAV23 Datasheet
34Kb / 7P
General purpose double diode
1996 Sep 17
BAV23S PHILIPS-BAV23S Datasheet
52Kb / 8P
General purpose double diode
1999 May 05
logo
Guangdong Kexin Industr...
BAV23 KEXIN-BAV23 Datasheet
41Kb / 2P
General Purpose Double Diode
logo
Cherry Semiconductor Co...
0012-0023 CHERRY-0012-0023 Datasheet
784Kb / 3P
GENERAL PURPOSE - SINGLE POLE
logo
NXP Semiconductors
BC817DS115 NXP-BC817DS115 Datasheet
135Kb / 7P
NPN general purpose double
2002 Nov 22
logo
Cherry Semiconductor Co...
E1901A CHERRY-E1901A Datasheet
158Kb / 3P
GENERAL PURPOSE ??SINGLE & DOUBLE POLE ESeries
E19-50K CHERRY-E19-50K Datasheet
338Kb / 3P
GENERAL PURPOSE ??DOUBLE POLE
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
Snap Action Switch Double Pole General Purpose
logo
Guangdong Kexin Industr...
BCV61 KEXIN-BCV61 Datasheet
131Kb / 3P
NPN general purpose double transistor
logo
ZF Friedrichshafen AG
E13 ZFSWITCHES-E13 Datasheet
307Kb / 3P
Single Pole General Purpose
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com