Electronic Components Datasheet Search
  English  ▼

X  

GPTCNH01 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # GPTCNH01
Description  General Purpose Snap Action Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

GPTCNH01 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  GPTCNH01 Datasheet HTML 1Page - ZF Friedrichshafen AG GPTCNH01 Datasheet HTML 2Page - ZF Friedrichshafen AG GPTCNH01 Datasheet HTML 3Page - ZF Friedrichshafen AG GPTCNH01 Datasheet HTML 4Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose Snap Action Switch
GP Series
Features
Ultra-small travel differential
Wide variety of actuators
Mechanical life tested to over 20 million cycles
Screw or solder terminals available
Current rating up to 20 amps
VDE standard on 15A switches with screw terminals
Electrical Ratings
Switch
Series
UL508
VDE Approval to EN60947
GP*B
20A 250VAC
N/A
GP*C
15A 250VAC
15A 250VAC
(Note: Only screw terminals have VDE approval)
Technical Specifications
Material Specifications
Case / Cover
Phenolic
Temperature Rating:
0°C + 55°C Max UL
- 5°C to + 40°C VDE
Spring
Beryllium Copper
Dielectric Strength
1000 VAC 50/60 Hz for 1 minute
Contacts:
Silver Alloy
Insulation Resistance
100M ohms min at 500 VDC
Initial Contact Resistance
15m ohms max
Terminals:
Screw Terminals: Brass
Solder Terminals: Copper Alloy
Contacts:
Silver Alloy
Mounting:
US Holes:
Metric Holes:
#6-32 Fastener with 6.0 In-Lb Max Torque
M4 Fastener with 6.0 In-Lb Max Torque
UL File Number:
E184788
Lever Actuator:
Nickel Plated Steel
RoHS Compliant
Specifications subject to change without notice
VDE for 15 amp
with screw
terminals only


Similar Part No. - GPTCNH01

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
GPTCNH01 CHERRY-GPTCNH01 Datasheet
453Kb / 4P
General Purpose Snap Action Switch
More results

Similar Description - GPTCNH01

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A20GDB7K OMRON-A20GDB7K Datasheet
940Kb / 8P
General-purpose Snap Action Switch
V-153-1C25 OMRON-V-153-1C25 Datasheet
1Mb / 16P
General Purpose Snap Action Switch
V10G11C24K OMRON-V10G11C24K Datasheet
1Mb / 16P
General Purpose Snap Action Switch
V-15-3C6-K OMRON-V-15-3C6-K Datasheet
1Mb / 16P
General Purpose Snap Action Switch
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
V-15-1C25-K OMRON-V-15-1C25-K Datasheet
1Mb / 16P
General Purpose Snap Action Switch
V151C25K OMRON-V151C25K Datasheet
1Mb / 16P
General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
E13-00E0 CHERRY-E13-00E0 Datasheet
361Kb / 3P
Snap Action Switch Single Pole General Purpose
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
Snap Action Switch Double Pole General Purpose
GPTCLS11 CHERRY-GPTCLS11 Datasheet
453Kb / 4P
General Purpose Snap Action Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com