Electronic Components Datasheet Search
  English  ▼

X  

2N60 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2N60
Description  N-Channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2N60 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2N60 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2N60 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
MOSFET
DIP Type
Electrical Characteristics Ta = 25
Parameter
Symbol
Test conditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
VGS =0V, ID = 250 ìA
600
V
VDS =600 V, VGS =0V
10
A
VDS =480 V, TC =125
100
A
Gate-Body Leakage Current, Forward
IGSSF
VGS =30V, VDS = 0 V
100
nA
Gate-Body Leakage Current, Reverse
IGSSR
VGS =-30 V, VDS =0V
-100
nA
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID =250 ìA
2.0
4.0
V
Static Drain-Source On-Resistance
RDS(on)
VGS =10V, ID =1A
3.8
5.0
Forward Transconductance
gFS
VDS =50V, ID =1A * 1
2.25
S
Input Capacitance
Ciss
270
350
pF
Output Capacitance
Coss
40
50
pF
Reverse Transfer Capacitance
Crss
57
pF
Turn-On Delay Time
td(on)
10
30
ns
Turn-On Rise Time
tr
25
60
ns
Turn-Off Delay Time
td(off)
20
50
ns
Turn-Off Fall Time
tf
25
60
ns
Total Gate Charge
Qg
911
nC
Gate-Source Charge
Qgs
1.6
nC
Gate-Drain Charge
Qgd
4.3
nC
Maximum Continuous Drain-Source Diode
Forward Current
IS
2A
Maximum Pulsed Drain-Source Diode Forward
Current
ISM
8A
Drain-Source Diode Forward Voltage
VSD
VGS =0V, IS = 2.0 A
1.4
V
Reverse Recovery Time
trr
180
ns
Reverse Recovery Charge
Qrr
0.72
C
* 1. Pulse Test : Pulse width
300µs, Duty cycle
2%
* 2. Essentially independent of operating temperature.
VDS =480 V, ID =2.4A, VGS =10V------
--
*1,2
VGS =0V, IS =2.4 A,
dIF /dt= 100 A/
s* 1
IDSS
Zero Gate Voltage Drain Current
VDS =25V, VGS = 0 V,f= 1.0 MHz
VDD =300 V, ID =2.4 A, RG =25
--------
*1,2
2N60



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com