Electronic Components Datasheet Search
  English  ▼

X  

STD3NK50Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD3NK50Z
Description  N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NK50Z Datasheet(HTML) 1 Page - STMicroelectronics

  STD3NK50Z Datasheet HTML 1Page - STMicroelectronics STD3NK50Z Datasheet HTML 2Page - STMicroelectronics STD3NK50Z Datasheet HTML 3Page - STMicroelectronics STD3NK50Z Datasheet HTML 4Page - STMicroelectronics STD3NK50Z Datasheet HTML 5Page - STMicroelectronics STD3NK50Z Datasheet HTML 6Page - STMicroelectronics STD3NK50Z Datasheet HTML 7Page - STMicroelectronics STD3NK50Z Datasheet HTML 8Page - STMicroelectronics STD3NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
January 2005
STQ3NK50ZR-AP
STD3NK50Z - STD3NK50Z-1
N-CHANNEL 500V - 2.8
Ω - 2.3A TO-92/DPAK/IPAK
Zener-Protected SuperMESH™ MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 2.8Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
ESD IMPROVED CAPABILITY)
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme opyimization of ST’s well established strip
based PowerMESH™ layout. In addition to push-
ing on-resistance significatly down, special care is
taken to ensure a very good dv/dt capability for the
most demanding application. Such series comple-
ments ST full range of high voltage MOSFETs
icluding revolutionary MDmesh™ products
APPLICATIONS
s
AC ADAPTORS AND BATTERY CHARGERS
s
SWITH MODE POWER SUPPLIES (SMPS)
s
LIGHTING
Table 2: Order Coder
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
Pw
STQ3NK50ZR-AP
STD3NK50Z
STD3NK50Z-1
500 V
500 V
500 V
3.3
3.3
3.3
0.5 A
2.3 A
2.3 A
3 W
45 W
45 W
3
2
1
TO-92 (Ammopak)
IPAK
1
3
DPAK
SALES TYPE
MARKING
PACKAGE
PACKAGING
STQ3NK50ZR-AP
Q3NK50ZR
TO-92
AMMOPAK
STD3NK50Z
D3NK50Z
DPAK
TAPE & REEL
STD3NK50Z-1
D3NK50Z
IPAK
TUBE
Rev. 2


Similar Part No. - STD3NK50Z

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD3NK50Z VBSEMI-STD3NK50Z Datasheet
1Mb / 9P
Power MOSFET
STD3NK50Z-1 VBSEMI-STD3NK50Z-1 Datasheet
1Mb / 9P
N-Channel 650V (D-S)Power MOSFET
STD3NK50ZT4 VBSEMI-STD3NK50ZT4 Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - STD3NK50Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC70Z STMICROELECTRONICS-STD2NC70Z Datasheet
447Kb / 10P
N-CHANNEL 700V - 4.1ohm - 2.3A DPAK/IPAK Zener-Protected PowerMESH™ III MOSFET
Apr-2001
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STD3NM50 STMICROELECTRONICS-STD3NM50 Datasheet
471Kb / 10P
N-CHANNEL 500V - 2.5ohm - 3A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Apr-2003
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Dec-2002
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
748Kb / 13P
N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
2003-Jun
STD2HNK60Z-1 STMICROELECTRONICS-STD2HNK60Z-1 Datasheet
405Kb / 12P
N-CHANNEL 600V - 4.4Ω - 2.0A TO-92/TO-220FP/IPAK Zener-Protected SuperMESH MOSFET
Apr-2004
STP6NK50Z STMICROELECTRONICS-STP6NK50Z Datasheet
408Kb / 12P
N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
Apr-2004
STQ1NK80ZR-AP STMICROELECTRONICS-STQ1NK80ZR-AP Datasheet
630Kb / 15P
N-CHANNEL 800V - 13 Ω - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
16-Jan-2006
STD2HNK60Z STMICROELECTRONICS-STD2HNK60Z Datasheet
497Kb / 16P
N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
06-Mar-2006
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
N-channel 900V - 5Ω - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
27-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com