Electronic Components Datasheet Search
  English  ▼

X  

GBA40MP Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # GBA40MP
Description  40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

GBA40MP Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  GBA40MP Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. GBA40MP Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. GBA40MP Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb Free Plating Product
GBA40MP/GBA40MN
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
Pb
GBA40MP/GBA40MN
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/3
Rev.09T
BLOCK/TO-230/BA/MR/K series
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Feature:
Application:
Block Diode/Alternator Diode with AEC-Q101 Grade Quality
Stack Silicon Diffused Diode alternative
Special for Automotive AC Alternator rectifier application
Technology: Latest Glass Passivation Pellet/Cu Clip Bonding
Case: Vacuum soldered/Sintered temperature < 260
Cathode Polarity: As marked on body
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting: BLOCK/TO-230/BA/MR/K series package type
Mechanical Data:
Case
Lead
Suffix:"P"
Positive
Suffix:"N"
Negative
GBA40MP
GBA40MN
℃
Lead
Case
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
GBA40MP/GBA40MN
Electrical Characteristics @ 25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRRM
VDC
Volts
Average Rectified Forward Current (Tc=125℃)
Io
Amps
Repetitive Peak Reverse Surge Current
Tc=10msec Dury Cycle<1%
IRSM
Amps
Breakdown Voltage (Vbr@ir=100mA, Tc=25℃)
Ir=90Amps, Tc=150℃, PW=80usec
Vbr1
Vbr2
Volts
Volts
Forward Voltage Drop @If=100Amps<300usec
VF
1.05
1.10
Volts
Peak Forward Surge Current
IFSM
500
Amps
Reverse Leakage (VR=17Vdc) TA=25℃
IR
1.0
2.0
uAmps
Operating and Storage Junction Temperature Range
TJ ,TSTG
-65 to +175
℃
Notes: 1. Enough heatsink must be considered in application.
Zener Voltage
Transient Peak Reverse Voltage
VRSM
Vz
28
28
28
40
400
37
39
41
54


Similar Part No. - GBA40MP

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GBA40 GOOD-ARK-GBA40 Datasheet
53Kb / 2P
Block Type Avalanche Automotive Rectifier Voltage Range 20 Volts Current 40 Amps
logo
Thinki Semiconductor Co...
GBA40LN THINKISEMI-GBA40LN Datasheet
1Mb / 3P
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
GBA40LP THINKISEMI-GBA40LP Datasheet
1Mb / 3P
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
GBA40ZN THINKISEMI-GBA40ZN Datasheet
1Mb / 3P
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
GBA40ZP THINKISEMI-GBA40ZP Datasheet
1Mb / 3P
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
More results

Similar Description - GBA40MP

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
BA40LP THINKISEMI-BA40LP Datasheet
1Mb / 3P
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
BA40MP THINKISEMI-BA40MP Datasheet
1Mb / 3P
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
BA40ZP THINKISEMI-BA40ZP Datasheet
1Mb / 3P
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
BA50LP THINKISEMI-BA50LP Datasheet
1Mb / 3P
50 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
E30A23VS THINKISEMI-E30A23VS Datasheet
1Mb / 3P
30 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
GBA40LP THINKISEMI-GBA40LP Datasheet
1Mb / 3P
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
GBA40ZP THINKISEMI-GBA40ZP Datasheet
1Mb / 3P
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
KB40HP THINKISEMI-KB40HP Datasheet
762Kb / 3P
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
KB40LP THINKISEMI-KB40LP Datasheet
762Kb / 3P
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
KB40MP THINKISEMI-KB40MP Datasheet
762Kb / 3P
40 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com