Electronic Components Datasheet Search
  English  ▼

X  

MSB602 Datasheet(PDF) 1 Page - Bytesonic Electronics Co., Ltd.

Part # MSB602
Description  SINGLE PHASE 6.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

MSB602 Datasheet(HTML) 1 Page - Bytesonic Electronics Co., Ltd.

  MSB602 Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. MSB602 Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd. MSB602 Datasheet HTML 3Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-55 to +150
500
Maximum repetitive peak reverse voltage
265 C/10 seconds at terminals
Single phase half-wave 60Hz,resistive or inductive load,
MSBL
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
6.0
175.0
Operating junction and storage temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=100 C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 6.0A
Maximum DC reverse current
T A =25 C
at rated DC blocking voltage
TA=125 C
Typical junction capacitance (Note 1)
Note:
IR
5.0
RqJA
CJ
TJ,TSTG
55.0
45.0
pF
C
A
u
Typical thermal resistance
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
MSB604 MSB605 MSB606
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Case : Molded plastic body
Terminals : Solder plated, solderable per
Polarity : Polarity symbol marking on body
Mounting Position : Any
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Idea for printed circuit board
Glass passivated Junction chip
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed
Mechanical Data
Maximum Ratings And Electrical Characteristics
Dimensions in inches and (millimeters)
1.10
MSB607
1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
I t
Rating for fusing (t=8.3ms, Ta=25 C)
127
2
A s
2
MSB603
100
70
100
MSB602
50
35
50
MSB601
Parameter
.205(5.20)
.197(5.00)
.256(6.70)
.264(6.50)
.059(1.50)
.051(1.30)
.016(0.40)
.005(0.15)
.045(1.15)
.037(0.95)
 
MSB601 THRU MSB607
o
MIL-STD-750,Method 2026
Lead Free Finish/RoHS 2.0 Compliant
Version 1.1
2018/2/27
http://www.bytesonic.com
.tw/
SINGLE PHASE 6.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS


Similar Part No. - MSB602

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
MSB602 DAESAN-MSB602 Datasheet
234Kb / 2P
BRIDGE RECTIFIER
logo
Rectron Semiconductor
MSB602M RECTRON-MSB602M Datasheet
117Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
2020-01/47 REV:O
More results

Similar Description - MSB602

ManufacturerPart #DatasheetDescription
logo
Bytes
BR605 BYTES-BR605 Datasheet
145Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
RS601 BYTES-RS601 Datasheet
148Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR605 FORMOSA-BR605 Datasheet
29Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
BR605 UNIOHM-BR605 Datasheet
60Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
GBJ601 UNIOHM-GBJ601 Datasheet
66Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
KBJ601 UNIOHM-KBJ601 Datasheet
66Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
RS601 UNIOHM-RS601 Datasheet
65Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBU601 GWSEMI-KBU601 Datasheet
65Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR605 DGNJDZ-BR605 Datasheet
153Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBU6005 BYTESONIC-GBU6005 Datasheet
525Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
2016/12/13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com