Electronic Components Datasheet Search
  English  ▼

X  

2298221 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2298221
Description  Power contactor - ELR 2/I-230/Z
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2298221 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2298221 Datasheet HTML 1Page - PHOENIX CONTACT 2298221 Datasheet HTML 2Page - PHOENIX CONTACT 2298221 Datasheet HTML 3Page - PHOENIX CONTACT 2298221 Datasheet HTML 4Page - PHOENIX CONTACT 2298221 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/2298221
09/03/2014   Page 2 / 5
Power contactor - ELR 2/I-230/Z - 2298221
Technical data
Output data
Output name
OUT 1, OUT 2
Nominal output voltage range
180 V AC ... 275 V AC
Periodic peak reverse voltage
600 V
Mains frequency
50 Hz
60 Hz
Continuous load current
2x 13 A (see derating curve)
Load current
min. 75 mA
Leakage current
typ. 6.5 mA
Residual voltage
1.5 V
Surge current
200 A (tp = 10 ms)
Max. load value
220 A2s (tp = 10 ms)
Protective circuit/component
RC element
Varistor
Surge voltage protection
275 V AC
Connection data
Connection method
Screw connection
Stripping length
8 mm
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
10
Screw thread
M3
General
Test voltage input/output
4 kV AC
Mounting position
Vertical (horizontal DIN rail)
Assembly instructions
Can be aligned with spacing = 20 mm
Operating mode
100% operating factor
Standards/regulations
EN 50178
Pollution degree
2
Surge voltage category
III



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com