Electronic Components Datasheet Search
  English  ▼

X  

IR3637SPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR3637SPBF
Description  1% ACCURATE SYNCHRONOUS PWM CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3637SPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3637SPBF Datasheet HTML 9Page - International Rectifier IR3637SPBF Datasheet HTML 10Page - International Rectifier IR3637SPBF Datasheet HTML 11Page - International Rectifier IR3637SPBF Datasheet HTML 12Page - International Rectifier IR3637SPBF Datasheet HTML 13Page - International Rectifier IR3637SPBF Datasheet HTML 14Page - International Rectifier IR3637SPBF Datasheet HTML 15Page - International Rectifier IR3637SPBF Datasheet HTML 16Page - International Rectifier IR3637SPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
IR3637SPBF
13
Rev. 1.1
06/16/05
www.irf.com
TYPICAL APPLICATION
Single 5V Application
Figure 12 - Typical application for single 5V
IR3637
U1
Vcc
Vc
HDrv
LDrv
Fb
Gnd
Comp
SS/SD
C3
C4
C8
C9
R4
Q1
Q2
R5
R6
L1
C1
Vout
C7
C5
D1
5V
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com