Electronic Components Datasheet Search
  English  ▼

X  

KRE2ALA2BD Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # KRE2ALA2BD
Description  Sealed Rocker Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

KRE2ALA2BD Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  KRE2ALA2BD Datasheet HTML 1Page - ZF Friedrichshafen AG KRE2ALA2BD Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.switches-sensors.zf.com ZF Electronics Systems Pleasant Prairie, LLC (“ZF”) acquired the rights to the CHERRY branded switches
and sensors in 2008. Although ZF divested its interest in the CHERRY name in 2015, the switches and sensors remain unchanged and are now
sold under the ZF brand.
Page 1 of 2, Last update 2017-11-02, Specifications subject to change without notice.
Sealed Rocker Switch
Single Pole
KR Series
Features
•
Snap-in mounting
•
RoHS compliant
•
100,000 cycles mechanical life
•
IP65
•
Lighted and non-lighted versions available
Standard Parts
1
North America
North America and Europe
Europe
KRE2ALA2GBB
KRE2ANA1BBD
KRE2AEA2GBB
KRE2ALA2RBB
KRE2BNA1BBB
KRE2AEA2RBB
KRE2DNA1BBB
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or
your distributor.
Part Number Breakdown
KRE2ALA 2RBB
KR E 2 A L A
Series
Contact Rating
2
Circuitry
Switch Function
Lighting Options
Terminal Type
KR
E
2
Single pole
A
ON-OFF
N
Non-lighted
A
4.8 mm (0.189”) quick
connect
B
3
ON-ON
E
220 VAC neon
D
(ON)-OFF
L
110 VAC neon
C
28 VDC LED
M
14 VDC LED
2See Electrical Specifications section
3Available only with non-lighted version
2 R B B
Actuator Type
Actuator Color
4
Housing Color
Actuator Marking
1
Non-lighted
A
Amber
B
Black
B
Blank
2
Lighted
B
Black
D
O
––
G
Green
R
Red
4Black actuator is only available for non-lighted; others only for lighted.


Similar Part No. - KRE2ALA2BD

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
KRE2ALA2GBB CHERRY-KRE2ALA2GBB Datasheet
252Kb / 2P
Sealed Rocker Switch
KRE2ALA2RBB CHERRY-KRE2ALA2RBB Datasheet
252Kb / 2P
Sealed Rocker Switch
More results

Similar Description - KRE2ALA2BD

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
KCA2ANA1BBB CHERRY-KCA2ANA1BBB Datasheet
310Kb / 2P
Sealed Rocker Switch Single Pole
KDH3ANA1BBB CHERRY-KDH3ANA1BBB Datasheet
311Kb / 2P
Sealed Rocker Switch Double Pole
KRE2ANA1BBD CHERRY-KRE2ANA1BBD Datasheet
252Kb / 2P
Sealed Rocker Switch
KTG2ANB1BBDNNN CHERRY-KTG2ANB1BBDNNN Datasheet
298Kb / 2P
Sealed Rocker Switch Single Pole
logo
ZF Friedrichshafen AG
KCA2ALA2RBB ZFSWITCHES-KCA2ALA2RBB Datasheet
271Kb / 2P
Sealed Rocker Switch
KDH3ALA2RBB ZFSWITCHES-KDH3ALA2RBB Datasheet
272Kb / 2P
Sealed Rocker Switch
KGC2ANB1BBD ZFSWITCHES-KGC2ANB1BBD Datasheet
235Kb / 2P
Sealed Rocker Switch
KMD2AMB7BBBNR1 ZFSWITCHES-KMD2AMB7BBBNR1 Datasheet
236Kb / 2P
Sealed Rocker Switch
KSF2ANB1BBD ZFSWITCHES-KSF2ANB1BBD Datasheet
273Kb / 2P
Sealed Rocker Switch
KTG2AMB2BBBRN1 ZFSWITCHES-KTG2AMB2BBBRN1 Datasheet
256Kb / 2P
Sealed Rocker Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com