Electronic Components Datasheet Search
  English  ▼

X  

BUV22 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BUV22
Description  SITCHMODE Series NPN Silicon Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV22 Datasheet(HTML) 1 Page - ON Semiconductor

  BUV22 Datasheet HTML 1Page - ON Semiconductor BUV22 Datasheet HTML 2Page - ON Semiconductor BUV22 Datasheet HTML 3Page - ON Semiconductor BUV22 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
SWITCHMODE Series
NPN Silicon Power Transistor
. . . designed for high current, high speed, high power applications.
• High DC current gain: HFE min. = 20 at IC = 10 A
• Low VCE(sat): VCE(sat) max. = 1.0 V at IC = 10 A
• Very fast switching times:
TF max. = 0.35 µs at IC = 20 A
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO(sus)
250
Vdc
Collector–Base Voltage
VCBO
300
Vdc
Emitter–Base Voltage
VEBO
7
Vdc
Collector–Emitter Voltage (VBE = –1.5 V)
VCEX
300
Vdc
Collector–Emitter Voltage (RBE = 100 Ω)
VCER
290
Vdc
Collector–Current — Continuous
— Peak (pw
v 10 ms)
IC
ICM
40
50
Adc
Apk
Base–Current continuous
IB
8
Adc
Total Power Dissipation @ TC = 25_C
PD
250
Watts
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
0.7
_C/W
Figure 1. Power Derating
1.0
0
TC, TEMPERATURE (°C)
40
80
160
200
0.4
0.8
0.6
0.2
120
SWITCHMODE is a trademark of Motorola, Inc.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BUV22/D
© Motorola, Inc. 1995
BUV22
40 AMPERES
NPN SILICON
POWER
METAL TRANSISTOR
250 VOLTS
250 WATTS
CASE 197A–05
TO–204AE
(TO–3)
REV 7


Similar Part No. - BUV22

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUV22 MOTOROLA-BUV22 Datasheet
137Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 250 VOLTS 250 WATTS
logo
Seme LAB
BUV22 SEME-LAB-BUV22 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
ON Semiconductor
BUV22 ONSEMI-BUV22 Datasheet
70Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
February, 2006 ??Rev. 10
logo
Inchange Semiconductor ...
BUV22 ISC-BUV22 Datasheet
80Kb / 2P
isc Silicon NPN Power Transistor
logo
List of Unclassifed Man...
BUV22 ETC-BUV22 Datasheet
57Kb / 1P
NPN Silicon Low Frequency High Power Switching Transistor
More results

Similar Description - BUV22

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUS98 ONSEMI-BUS98 Datasheet
324Kb / 8P
SITCHMODE Series NPN Silicon Power Transistors
1995 REV 7
BUV11 ONSEMI-BUV11 Datasheet
138Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
1995 REV 7
BUV20 ONSEMI-BUV20 Datasheet
142Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
May, 2001 ??Rev. 10
BUV21 ONSEMI-BUV21 Datasheet
139Kb / 4P
SITCHMODE Series NPN Silicon Power Transistor
1995 REV 7
BUV48 ONSEMI-BUV48 Datasheet
280Kb / 8P
SITCHMODE II Series NPN Silicon Power Transistors
1996 REV 8
BUX48 ONSEMI-BUX48 Datasheet
325Kb / 8P
SITCHMODE II Series NPN Silicon Power Transistors
REV 7
BUV22 ONSEMI-BUV22_06 Datasheet
70Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
February, 2006 ??Rev. 10
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
New Jersey Semi-Conduct...
BUV26 NJSEMI-BUV26 Datasheet
132Kb / 3P
Switchmode Series NPN Silicon Power Transistor
logo
ON Semiconductor
BUV21 ONSEMI-BUV21_13 Datasheet
114Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistor
December, 2013 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com