Electronic Components Datasheet Search
  English  ▼

X  

VLME3100 Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLME3100
Description  High Intensity SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLME3100 Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLME3100 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLME3100 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLME3100 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLME3100 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLME3100 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLME3100 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLME3100 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLME3100 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VLME3100, VLME3105
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 22-May-2019
1
Document Number: 81231
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Intensity SMD LED PLCC-2
DESCRIPTION
This device has been designed to meet the increasing
demand for AlInGaP technology.
The package of the VLME310. is the PLCC-2 (equivalent
to a size B tantalum capacitor).
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• SMD LED with exceptional brightness
• Luminous intensity categorized
• Compatible
with
automatic
placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase
and wave solder processes according to
CECC 00802 and J-STD-020
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light pipes and
backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• Preconditioning according to JEDEC® level 2a
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
19225
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP.
MAX.
VLME3100-GS08
Yellow
28
75
-
10
581
588
594
10
-
2.0
2.6
20
AllnGaP on GaAs
VLME3100-GS18
Yellow
28
75
-
10
581
588
594
10
-
2.0
2.6
20
AllnGaP on GaAs
VLME3105-GS08
Yellow
56
80
140
10
581
588
594
10
-
2.0
2.6
20
AllnGaP on GaAs
VLME3105-GS18
Yellow
56
80
140
10
581
588
594
10
-
2.0
2.6
20
AllnGaP on GaAs
香港至恩科技有限公司
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - VLME3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLME3100 VISHAY-VLME3100 Datasheet
176Kb / 8P
High Intensity SMD LED PLCC-2
31-Jul-15
VLME3100 VISHAY-VLME3100 Datasheet
204Kb / 8P
High Intensity SMD LED PLCC-2
08-Jul-2019
VLME3100 VISHAY-VLME3100 Datasheet
233Kb / 8P
High Intensity SMD LED PLCC-2
23-Sep-2021
VLME3100 VISHAY-VLME3100 Datasheet
227Kb / 8P
High Intensity SMD LED PLCC-2
12-Sep-2022
VLME3100-GS08 VISHAY-VLME3100-GS08 Datasheet
176Kb / 8P
High Intensity SMD LED PLCC-2
31-Jul-15
More results

Similar Description - VLME3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLME3100 VISHAY-VLME3100 Datasheet
176Kb / 8P
High Intensity SMD LED PLCC-2
31-Jul-15
VLMR31 VISHAY-VLMR31 Datasheet
173Kb / 7P
High Intensity SMD LED PLCC-2
03-Aug-15
VLMS31 VISHAY-VLMS31 Datasheet
175Kb / 8P
High Intensity SMD LED PLCC-2
03-Aug-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMF31Q2T1-GS08 TO-GRACE-VLMF31Q2T1-GS08 Datasheet
645Kb / 7P
High Intensity SMD LED PLCC-2
logo
Vishay Siliconix
VLME310 VISHAY-VLME310 Datasheet
204Kb / 8P
High Intensity SMD LED PLCC-2
08-Jul-2019
VLME310 VISHAY-VLME310_V01 Datasheet
233Kb / 8P
High Intensity SMD LED PLCC-2
23-Sep-2021
VLMF31 VISHAY-VLMF31_V01 Datasheet
231Kb / 7P
High Intensity SMD LED PLCC-2
23-Sep-2021
VLMR31 VISHAY-VLMR31_V01 Datasheet
230Kb / 7P
High Intensity SMD LED PLCC-2
24-Sep-2021
VLMR31 VISHAY-VLMR31_V02 Datasheet
229Kb / 7P
High Intensity SMD LED PLCC-2
24-Sep-2021
VLMF31Q2T1 VISHAY-VLMF31Q2T1 Datasheet
227Kb / 7P
High Intensity SMD LED PLCC-2
19-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com