Electronic Components Datasheet Search
  English  ▼

X  

2700313 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2700313
Description  Fiber optic coupling - FL SM PATCH COUPLER LC-LC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2700313 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2700313 Datasheet HTML 1Page - PHOENIX CONTACT 2700313 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/2700313
03/19/2019   Page 1 / 2
Fiber optic coupling - FL SM PATCH COUPLER LC-LC - 2700313
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Coupling, LC/LC, can be used for single mode glass fibers
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356543019
Technical data
Mechanical characteristics
Number of positions
2
Number of slots
1
Connection profile
LC-Duplex
Fiber type
Single-mode fiberglass
Ferrule diameter
1.25 mm
Number of fibers
2
Insertion/withdrawal cycles
≥ 500
Connection method
Coupling
Color
blue
Degree of protection
IP20
Ambient conditions
Ambient temperature (operation)
-25 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Degree of protection
IP20
Material data
Flammability rating according to UL 94
V0
Housing material
PBT


Similar Part No. - 2700313

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700312 PHOENIX-2700312 Datasheet
52Kb / 2P
Fiber optic coupling - FL MM PATCH COUPLER LC-LC
More results

Similar Description - 2700313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DK-2633-01 ETC2-DK-2633-01 Datasheet
666Kb / 1P
DIGITUS Fiber Optic Multimode Patch Cord, LC / LC
logo
Tripp Lite. All Rights ...
N455000 TRIPPLITE-N455000 Datasheet
481Kb / 2P
Duplex Multimode Fiber Coupler (LC-LC)
N455000PM TRIPPLITE-N455000PM Datasheet
487Kb / 1P
Duplex Multimode Fiber Optic Coupler, (LC-LC)
N455000S TRIPPLITE-N455000S Datasheet
481Kb / 2P
Duplex Singlemode Fiber Coupler (LC-LC)
N455000SPM TRIPPLITE-N455000SPM Datasheet
493Kb / 2P
Duplex Singlemode Fiber Optic Coupler, (LC-LC)
N455-000-S-PM TRIPPLITE-N455-000-S-PM Datasheet
159Kb / 2P
Duplex Singlemode Fiber Optic Coupler, (LC/LC)
logo
PHOENIX CONTACT
2700312 PHOENIX-2700312 Datasheet
52Kb / 2P
Fiber optic coupling - FL MM PATCH COUPLER LC-LC
2901788 PHOENIX-2901788 Datasheet
59Kb / 2P
Fiber optic coupling - FL COUPLER SC-DUPLEX
logo
Tripp Lite. All Rights ...
N455-000-PM TRIPPLITE-N455-000-PM Datasheet
156Kb / 2P
Duplex Multimode Fiber Optic Coupler, (LC/LC)
logo
PHOENIX CONTACT
2989190 PHOENIX-2989190 Datasheet
75Kb / 5P
FO patch cable - FL SM PATCH 1,0 LC-SC
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com