Electronic Components Datasheet Search
  English  ▼

X  

CFG0612 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CFG0612
Description  CFG Series Metal Foil, Wide Terminal Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFG0612 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CFG0612 Datasheet HTML 1Page - Bourns Electronic Solutions CFG0612 Datasheet HTML 2Page - Bourns Electronic Solutions CFG0612 Datasheet HTML 3Page - Bourns Electronic Solutions CFG0612 Datasheet HTML 4Page - Bourns Electronic Solutions CFG0612 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CFG Series Metal Foil, Wide Terminal Current Sense Resistor
Rated Voltage
The rated voltage is calculated by the following formula:
V= P X R
V: Rated Voltage (V)
I = P ÷ R
I: Rated Current (Ω)
P: Rated Power (W)
R: Resistance Value (W)
Construction
TOP PROTECTIVE
COATING
SOLDER
COATING
ALUMINA SUBSTRATE
NICKEL
UNDERLAY
METAL FOIL
Code
Resistance Value (milliohms
R005
5
R010
10
Recommended Solder Pad Dimensions
Popular Resistance Values*
Environmental Characteristics
Storage Conditions
Temperature ...................................................+5 °C ~ +35 °C
Humidity ............................................................40 % ~ 75 %
Shelf Life..................................2 years from manufacturing date
Solder Recommendations..................................... Reflow profile
(Solder: Sn96.5 / Ag3 / Cu0.5)
Moisture Sensitivity Level.......................................................... 1
Cu Trace
Sensing Trace
2.10
(.083)
3.80
(.150)
0.70
(.028)
Product Dimensions
3.20 ± 0.20
(.126 ± .008)
0.40 ± 0.20
(.016 ± .008)
0.70 ± 0.20
(.028 ± .008)
1.60 ± 0.20
(.063 ± .008)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
*Please consult factory for other resistance values



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com