Electronic Components Datasheet Search
  English  ▼

X  

BUV48A Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUV48A
Description  SITCHMODE II Series NPN Silicon Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV48A Datasheet(HTML) 2 Page - ON Semiconductor

  BUV48A Datasheet HTML 1Page - ON Semiconductor BUV48A Datasheet HTML 2Page - ON Semiconductor BUV48A Datasheet HTML 3Page - ON Semiconductor BUV48A Datasheet HTML 4Page - ON Semiconductor BUV48A Datasheet HTML 5Page - ON Semiconductor BUV48A Datasheet HTML 6Page - ON Semiconductor BUV48A Datasheet HTML 7Page - ON Semiconductor BUV48A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BUV48 BUV48A
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (1)
Collector–Emitter Sustaining Voltage (Table 1)
(IC = 200 mA, IB = 0) L = 25 mH
BUV48
VCEO(sus)
400
—
—
Vdc
(IC = 200 mA, IB = 0) L = 25 mH
BUV48
BUV48A
400
450
—
—
—
—
Collector Cutoff Current
(VCEX = Rated Value, VBE(off) = 1.5 Vdc)
(VCEX = Rated Value, VBE(off) = 1.5 Vdc, TC = 125_C)
ICEX
—
—
—
—
0.2
2
mAdc
Collector Cutoff Current
(VCE = Rated VCEX, RBE = 10 Ω)TC = 25_C
ICER
—
—
0.5
mAdc
(VCE = Rated VCEX, RBE = 10 Ω)TC = 25_C
TC = 125_C
—
—
—
—
0.5
3
Emitter Cutoff Current
(VEB = 5 Vdc, IC = 0)
IEBO
—
—
0.1
mAdc
Emitter–Base Breakdown Voltage
(IE = 50 mA – IC = 0)
V(BR)EBO
7
—
—
Vdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
IS/b
See Figure 12
Clamped Inductive SOA with Base Reverse Biased
RBSOA
See Figure 13
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 10 Adc, VCE = 5 Vdc)
BUV48
(IC = 8 Adc, VCE = 5 Vdc)
BUV48A
hFE
8
8
—
—
—
—
Collector–Emitter Saturation Voltage
(IC = 10 Adc, IB = 2 Adc)
(IC = 15 Adc, IB = 3 Adc)
BUV48
(IC = 10 Adc, IB = 2 Adc, TC = 100_C)
(IC = 8 Adc, IB = 1.6 Adc)
(IC = 12 Adc, IB = 2.4 Adc)
BUV48A
(IC = 8 Adc, IB = 1.6 Adc, TC = 100_C)
VCE(sat)
—
—
—
—
—
—
—
—
—
—
—
—
1.5
5
2
1.5
5
2
Vdc
Base–Emitter Saturation Voltage
(IC = 10 Adc, IB = 2 Adc)
BUV48
(IC = 10 Adc, IB = 2 Adc, TC = 100_C)
(IC = 8 Adc, IB = 1.6 Adc)
BUV48A
(IC = 8 Adc, IB = 1.6 Adc, TC = 100_C)
VBE(sat)
—
—
—
—
—
—
—
—
1.6
1.6
1.6
1.6
Vdc
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
Cob
—
—
350
pF
SWITCHING CHARACTERISTICS
Resistive Load (Table 1)
Delay Time
IC =10A IB = 2 A
BUV48
td
—
0.1
0.2
µs
Rise Time
IC = 10 A, IB, = 2 A
BUV48
IC = 8 A, IB, = 1.6 A
BUV48A
tr
—
0.4
0.7
Storage Time
C
, B,
Duty Cycle
v 2%, VBE(off) = 5 V
Tp =30 µsVCC = 300 V
ts
—
1.3
2
Fall Time
Tp = 30 µs, VCC = 300 V
tf
—
0.2
0.4
Inductive Load, Clamped (Table 1)
Storage Time
I
10 A
BUV48
(TC =25_C)
tsv
—
1.3
—
µs
Fall Time
IC = 10 A
BUV48
IB1 = 2 A
(TC = 25_C)
tfi
—
0.06
—
Storage Time
IB1 = 2 A
IC 8 A
BUV48A
tsv
—
1.5
2.5
Crossover Time
IC = 8 A
BUV48A
IB1 = 1.6 A
(TC = 100_C)
tc
—
0.3
0.6
Fall Time
IB1 1.6 A
tfi
—
0.17
0.35
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle v 2%.
Vcl = 300 V, VBE(off) = 5 V, Lc = 180 µH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com