Electronic Components Datasheet Search
  English  ▼

X  

HX6356 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HX6356
Description  32K x 8 STATIC RAM-SOI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6356 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HX6356 Datasheet HTML 1Page - List of Unclassifed Manufacturers HX6356 Datasheet HTML 2Page - List of Unclassifed Manufacturers HX6356 Datasheet HTML 3Page - List of Unclassifed Manufacturers HX6356 Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6356 Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6356 Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6356 Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6356 Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6356 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HX6356
2
SIGNAL DEFINITIONS
A: 0-14
Address input pins which select a particular eight-bit word within the memory array.
DQ: 0-7
Bidirectional data pins which serve as data outputs during a read operation and as data inputs during a write
operation.
NCS
Negative chip select, when at a low level allows normal read or write operation. When at a high level NCS
forces the SRAM to a precharge condition, holds the data output drivers in a high impedance state and
disables all input buffers except CE. If this signal is not used it must be connected to VSS.
NWE
Negative write enable, when at a low level activates a write operation and holds the data output drivers in a
high impedance state. When at a high level NWE allows normal read operation.
NOE
Negative output enable, when at a high level holds the data output drivers in a high impedance state. When
at a low level, the data output driver state is defined by NCS, NWE and CE. If this signal is not used it must
be connected to VSS.
CE
Chip enable, when at a high level allows normal operation. When at a low level CE forces the SRAM to a
precharge condition, holds the data output drivers in a high impedance state and disables all the input buffers
except the NCS input buffer. If this signal is not used it must be connected to VDD.
NCS
CE
NWE
NOE
MODE
DQ
L
H
H
L
Read
Data Out
L
H
L
X
Write
Data In
H
X
XX
XX
Deselected
High Z
X
L
XX
XX
Disabled
High Z
TRUTH TABLE
FUNCTIONAL DIAGRAM
Notes:
X: VI=VIH or VIL
XX: VSS
≤VI≤VDD
NOE=H: High Z output state maintained for
NCS=X, CE=X, NWE=X
NCS
A:0-8,12-13
CE
NWE
NOE
WE • CS • CE
NWE • CS • CE • OE
Column Decoder
Data Input/Output
Row
Decoder
32,768 x 8
Memory
Array
A:9-11, 14
#
Signal
All controls must be
enabled for a signal to
pass. (#: number of
buffers, default = 1)
1 = enabled
Signal
4
DQ:0-7
(0 = high Z)
•
•
•
•
•
•
8
8
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com