Electronic Components Datasheet Search
  English  ▼

X  

C106 Datasheet(PDF) 3 Page - ON Semiconductor

Part # C106
Description  Sensitive Gate Silicon Controlled Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

C106 Datasheet(HTML) 3 Page - ON Semiconductor

  C106 Datasheet HTML 1Page - ON Semiconductor C106 Datasheet HTML 2Page - ON Semiconductor C106 Datasheet HTML 3Page - ON Semiconductor C106 Datasheet HTML 4Page - ON Semiconductor C106 Datasheet HTML 5Page - ON Semiconductor C106 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
C106 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM, RGK = 1000 Ohms)
TJ = 25°C
TJ = 110°C
IDRM, IRRM
−
−
−
−
10
100
mA
mA
ON CHARACTERISTICS
Peak Forward On−State Voltage (Note 3)
(ITM = 4 A)
VTM
−
−
2.2
V
Gate Trigger Current (Continuous dc) (Note 4)
(VAK = 6 Vdc, RL = 100 Ohms)
TJ = 25°C
TJ = −40°C
IGT
−
−
15
35
200
500
mA
Peak Reverse Gate Voltage (IGR = 10 mA)
VGRM
−
−
6.0
V
Gate Trigger Voltage (Continuous dc) (Note 4)
(VAK = 6 Vdc, RL = 100 Ohms)
TJ = 25°C
TJ = −40°C
VGT
0.4
0.5
0.60
0.75
0.8
1.0
V
Gate Non−Trigger Voltage (Continuous dc) (Note 4)
(VAK = 12 V, RL = 100 Ohms, TJ = 110°C)
VGD
0.2
−
−
V
Latching Current
(VAK = 12 V, IG = 20 mA)
TJ = 25°C
TJ = −40°C
IL
−
−
0.20
0.35
5.0
7.0
mA
Holding Current (VD = 12 Vdc)
(Initiating Current = 20 mA, Gate Open)
TJ = 25°C
TJ = −40°C
TJ = +110°C
IH
−
−
−
0.19
0.33
0.07
3.0
6.0
2.0
mA
DYNAMIC CHARACTERISTICS
Critical Rate−of−Rise of Off−State Voltage
(VAK = Rated VDRM, Exponential Waveform, RGK = 1000 Ohms,
TJ = 110°C)
dv/dt
−
8.0
−
V/
ms
3. Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.
4. RGK is not included in measurement.
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak On State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode −
Forward Blocking Region
IRRM at VRRM
(off state)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com