Electronic Components Datasheet Search
  English  ▼

X  

TC3967 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TC3967
Description  2W Packaged Self-Bias PHEMT GaAs Power FETs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC3967 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC3967 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TC3967
REV.1_04/27/2005
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1/1
2W Packaged Self-Bias PHEMT GaAs Power FETs
FEATURES
• 2W Typical Output Power
• 12.5dB Typical Linear Power Gain at 2.45GHz
• High Linearity:
IP3 = 43 dBm Typical
• High Power Added Efficiency:
Nominal PAE of 35%
• Breakdown Voltage: BV
DGO
≥ 15V
• Wg = 5 mm
• 100 % DC Tested
• Suitable for High Reliability Application
• Lost Cost Ceramic Package
DESCRIPTION
The TC3967 is a self-bias Cu-based ceramic packaged device with TC1601N PHEMT GaAs FETs, which is
designed to provide the single power supply application. The Cu-based ceramic package provides excellent
thermal conductivity for the GaAs FET. The devices only need to provide the positive voltage to drain and
ground the source, which is suitable for oscillator, power amplifier application in a wide range of
commercial application. All devices are 100% DC tested to assure consistent quality.
ELECTRICAL SPECIFICATIONS (@ 2.45 GHz)
Symbol
CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Gain Compression Point
VDS = 8 V
32
33
dBm
GL
Linear Power Gain
VDS = 8 V
12.5
dB
IP3
Intercept Point of the 3
rd-order Intermodulation
VDS = 8 V, *PSCL = 20 dBm
43
dBm
PAE
Power Added Efficiency at 1dB Compression Power
35
%
IDS
Drain-Source Current at VDS = 8 V
600
mA
BVDGO
Drain-Gate Breakdown Voltage at IDGO = 1.2mA
15
18
Volts
Rth
Thermal Resistance
8
°C/W
Note: *PSCL: Output Power of Single Carrier Level.
PHOTO ENLARGEMENT


Similar Part No. - TC3967

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3967 TRANSCOM-TC3967 Datasheet
97Kb / 2P
2 W Packaged Single-Bias PHEMT GaAs Power FETs
More results

Similar Description - TC3967

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LP3000P100 FILTRONIC-LP3000P100 Datasheet
47Kb / 3P
PACKAGED 2W POWER PHEMT
logo
List of Unclassifed Man...
TC3889 ETC1-TC3889 Datasheet
162Kb / 1P
5W Packaged Self-Bias PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC3879 TRANSCOM-TC3879 Datasheet
58Kb / 2P
7 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3947 TRANSCOM-TC3947 Datasheet
194Kb / 3P
0.5W Packaged Single-Bias PHEMT GaAs Power FETs
TC3957 TRANSCOM-TC3957 Datasheet
193Kb / 3P
1W Packaged Single-Bias PHEMT GaAs Power FETs
TC3967 TRANSCOM-TC3967 Datasheet
97Kb / 2P
2 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3977 TRANSCOM-TC3977 Datasheet
28Kb / 1P
3 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3938 TRANSCOM-TC3938 Datasheet
192Kb / 3P
Packaged Single-Bias Medium Power PHEMT GaAs FETs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com