Electronic Components Datasheet Search
  English  ▼

X  

5KP Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # 5KP
Description  5KP Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

5KP Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  5KP Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 5KP Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 5KP Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 5KP Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd 5KP Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
5KP Series
www.yint.com.cn
Rev:19.3
1
5KP Transient Voltage Suppressor Diode Series
General Information
The 5KP series is designed to protect voltage sensitive components from high
voltage, high energy transients. They have excellent clamping capability, high surge
capability, low zener impedance and fast response time. The 5KP series is supplied
in YINT Semiconductor’s exclusive, cost-effective, highly reliable and is ideally
suited for use in communication systems, automotive, numerical controls , process
controls, medical equipment, business machines, power supplies and many other
industrial/consumer Applications.
Features
P600 glass passivated chip junction
Plastic package
Polarity: Color band denoted positive end (cathode) except Bidirectional.
Typical failure mode is short from over-specified voltage or current
Fast response time: typically less than 1.0ps from 0 Volts to BV min.
High Temperature soldering:260°C/10 seconds at terminals.
Solder dip 275 °C max. 10 s, per JESD 22-B106
Typical Applications
Use in sensitive electronics protection
against voltage transients induced by
inductive load switching and lighting on
ICs, MOSFET, signal lines of sensor
units for consumer, computer, industrial,
automotive, and telecommunication.
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a 10/1000 μs waveform
PPK
5000
Watts
Peak pulse current with a 10/1000 μs waveform
IFSM
See next table
Amps
Power dissipation on infinite heat sink at TL= 75 °C
PD
8
Watts
Peak forward surge current 8.3 ms single half sine-wave
IFSM
400
Amps
Instantaneous forward voltage at 100 A for Unidirectional only
VF
3.5
V
Operating junction and storage temperature range
TJ ,TSTG
-55 to +175
°C
Notes :
(1)Non-repetitive current pulse, per fig. 6 and derated above TA = 25 °C per fig. 2
(2)Measured 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum


Similar Part No. - 5KP

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP SURGE-5KP Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP WTE-5KP Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
5KP RECTRON-5KP Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
5KP EIC-5KP Datasheet
28Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
Transient Voltage Suppressor Diode Series
logo
RFE international
P4KE12AR RFE-P4KE12AR Datasheet
61Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR DIODE P4KE, SA, P6KE, 1.5KE, 5KP; 400W to 5000W PPK
logo
Bourns Electronic Solut...
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com