Electronic Components Datasheet Search
  English  ▼

X  

5D220K Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # 5D220K
Description  5D Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

5D220K Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  5D220K Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 5D220K Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 5D220K Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 5D220K Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Metal Oxide Varistors
Trustworthy electronic circuit protection
expert
5D series
www.yint.com.cn
Rev:19.3
2
口
K 的详解 Detailed explanation of
口中的内容
The content of the
blank box
K
KJ
KH
KH+
产品级别
Product Level
普通型
conventional type
加强型
Reinforced type
超强型
Superstrong type
定制型
Customized
性能参数
property parameter
1 次脉冲最大电
流
Withstanding
surge
Current
(Imax)
(A)
电压冲击
15 次
Impulse voltage15
Times
(1.2/50μs)
(V)
1 次脉冲最大电
流
Withstanding
surge
Current
(Imax)
(A)
电流冲击
15 次
Impulse current
15
Times (
8/20μs)
(A)
1 次脉冲最大电
流
Withstanding
surge
Current
(Imax)
(A)
电压冲击
40 次
Impulse voltage40
Times
(
1.2/50μs)
(V)
超出左边栏的脉冲
标准的特殊规格
Super high Energy
5D
400
1000
800
250
800
1000
举例
1 Example
14D 满足 20D 的脉
冲 性 能 要 求
14D
instead of 20D
举例
2 Example
14D561KH+ 能 达
到
6KV/3KA 100
次
14D561KH+ reach
6KV/3KA 100times
7D
1200
2000
1750
500
1750
2000
10D
1500
4000
3500
1500
3500
4000
14D
4500
6000
6000
3000
6000
6000
20D
6500
10000
10000
5000
10000
10000
符合国际和国
家标准
Compliance
with
international
and
national standards
IEC61051-1
GB/T10193
IEC61051-2
GB/T10194
IEC61051-2-2
GBT10195
CSA-C22.2
UL1449 第 三 版 The third edition of
UL1449
包含左栏,并增加以下标准
:
Include the left column and add the
following criteria:
IEC60950-1:2005/Annex Q
GB4943.1-2011
GB8898-2011
UL1449 第 4 版 The fourth
edition of UL1449
包含左栏,并增加以下标准
:
Include the left column and add the
following criteria:
IEC61000-4-5 GB/T17626.5
IEC61643-331
GB/T18802.331
备注
:1 上表仅适用于压敏电压 82V 以上规格的产品。2 上表电压冲击 15 次/40 次仅适用于压敏电压 430V 及以上规格的产品。
Remarks:1 The above table is only applicable to products with voltage sensitive voltage of more than 82V.
2The above table voltage shock 15 times/40 times only applies to products with voltage sensitive voltage 430V or above.
产品尺寸
单位(
UNIT):mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com