Electronic Components Datasheet Search
  English  ▼

X  

20D Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # 20D
Description  20D Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

20D Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  20D Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 20D Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 20D Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 20D Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Metal Oxide Varistors
Trustworthy electronic circuit protection
expert
20D series
www.yint.com.cn
Rev:19.3
3
20D 系列 电气参数 20D Series Electrical Parameters
型号规格
Part
NO
压敏电压
Varistor Voltage
最大允许使用
电压
Maximum
allowable voltage
最大限制电压
Maximum Limited
Voltage
通流容量
Withstanding
Surge current(8/20
μ
s)times
静态功率
Rated Wattage
能量耐量
Energy(2ms)
静态电容量
(参考值)
Typical
Capacitance
0.1mA
AC
DC
V5A
1t
2t
(
W)
10/1000
2ms
1KHz
(V)
(V)
(V)
(A)
(A)
(PF)
20D180L
18
15-21
11
14
36
2000
1000
0.1
11.0
10.0
28500
20D220K
22
20-24
14
18
43
2000
1000
0.1
14.0
13
18.5k
20D270K
27
24-30
17
22
53
2000
1000
0.1
18.0
15
13K
20D330K
33
30-36
20
26
65
2000
1000
0.1
23.0
20
11.5K
20D390K
39
35-43
25
31
77
2000
1000
0.1
26.0
24
8.5K
20D470K
47
42-52
30
38
93
2000
1000
0.1
33.0
30
7.4K
20D560K
56
50-62
35
45
110
2000
1000
0.1
41.0
35
6.5K
20D680K
68
61-75
40
56
135
2000
1000
0.1
46.0
40
5.8K
20D820K
82
74-90
50
65
135
3000
2000
0.6
38.0
27
4.9K
20D101K
100
90-100
60
85
165
10000
7000
0.6
45.0
30
4.0K
20D121K
120
108-132
75
100
200
10000
7000
0.6
55.0
40
3.3K
20D151K
150
135-165
95
125
250
10000
7000
0.6
70.0
50
2.7K
20D181K
180
162-198
115
150
300
10000
7000
0.6
85.0
60
2.2K
20D201K
200
185-225
130
170
340
10000
7000
0.6
95.0
70
2.0K
20D221K
220
198-242
140
180
360
10000
7000
0.6
100.0
75
1.8K
20D241K
240
216-264
150
200
395
10000
7000
0.6
108.0
80
1.65K
20D271K
270
243-297
175
225
455
10000
7000
0.6
127.0
90
1.5K
20D301K
300
270-330
195
250
500
10000
7000
0.6
136.0
100
1.3K
20D331K
330
297-363
210
275
550
10000
7000
0.6
150.0
110
1.2K
20D361K
360
324-396
230
300
595
10000
7000
0.6
163.0
120
1.1K
20D391K
390
351-429
250
320
650
10000
7000
0.6
180.0
130
1.0K
20D431K
430
387-473
275
350
710
10000
7000
0.6
190.0
140
930
20D471K
470
423-517
300
385
775
10000
7000
0.6
220.0
150
850
20D511K
510
459-561
320
410
845
10000
7000
0.6
220.0
150
780
20D561K
560
504-616
350
455
930
10000
7000
0.6
220.0
150
970
20D621K
620
558-682
385
505
1025
10000
7000
0.6
220.0
150
950
20D681K
680
612-748
420
560
1120
10000
7000
0.6
230.0
160
900
20D751K
750
657-825
460
615
1240
10000
7000
0.6
420
300
850
20D781K
780
702-858
485
640
1290
10000
7000
0.6
445
315
750
20D821K
820
738-902
510
670
1355
10000
7000
0.6
460
325
700
20D911K
910
819-1001
550
745
1500
10000
7000
0.6
510
360
600
20D951K
951
855-1045
575
765
1580
10000
7000
0.6
535
380
550
20D102K
1.0K
900-1100
625
825
1650
10000
7000
0.6
560
400
500
20D112K
1.1K
990-1210
680
895
1815
10000
7000
0.6
620
440
450
20D122K
1.8K
1080-1320
750
985
1990
10000
7000
0.6
675
580
400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com