Electronic Components Datasheet Search
  English  ▼

X  

25D Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # 25D
Description  25D Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

25D Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  25D Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 25D Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 25D Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High-Energy Varistors
Trustworthy electronic circuit protection
expert
25D series
www.yint.com.cn
Rev:19.3
1
25D Series
产品简介
压敏电阻的本体是由氧化锌颗粒组成的矩阵结构。颗粒之间的晶
界类似双向
PN 结的电气特性,当低电压时,这些晶界处于高阻
抗状态,当电压高时,又会处于击穿状态,是一种非线性器件。。
Product Profile
The body of varistor is a matrix structure composed of zinc
oxide particles. The grain boundaries between particles are
similar to the electrical characteristics of bidirectional PN
junctions. When the voltage is low, these grain boundaries are
in the high impedance state, and when the voltage is high, they
will be in the breakdown state, which is a kind of non-linear
device.
应用领域:
通讯基站电源
铁路信号电源
1000V 以下低压配电设备、控制设备等等。
楼宇配电
电焊机
Application
Communication base station power supply
Railway signal power supply
Low voltage distribution equipment, control equipment, etc.
below 1000V
Building distribution
Electric welder
产品料号代码
HOW TO ORDER
产品外形
Product Shape
Bulk Straight
标准外形
Cutting Straight
切短脚
Out Forming
外弯脚
Y-Forming
Y 型脚
Cutting Bending
折脚
口
K 的详解 Detailed explanation of
7
形状类
Series
D 圆片形 Disk Series
S 方片形 Square Series
包 装 方 式
Manner of
packing
T 编带包装 Braided packing
压敏电阻
Varistor Voltage
最后一位数是
0 的个数 The last digit is
the number of zeros.
180=18V
201=200V
182=1800V
瓷片直径或边长
Element Size
压敏电压允许偏差
Varistor voltage allowable
deviation
K ±10%
L ±15%
D
4
7
1
K
T


Similar Part No. - 25D

ManufacturerPart #DatasheetDescription
logo
StarHope
25D SPSEMI-25D Datasheet
386Kb / 2P
Varistor Type MYG
logo
DB Lectro Inc
25D DBLECTRO-25D Datasheet
670Kb / 2P
PRODUCT DESCRIPTIONS
logo
Shanghai Shunye Electro...
25D SHUNYE-25D Datasheet
189Kb / 2P
SOZA CELL
logo
SUNMATE electronic Co.,...
25D SUNMATE-25D Datasheet
693Kb / 4P
METAL OXIDE VARISTORS
logo
Yuan Dean Scientific., ...
25D YUANDEAN-25D Datasheet
265Kb / 2P
DC-DC Converter
More results

Similar Description - 25D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com