Electronic Components Datasheet Search
  English  ▼

X  

PT4455 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT4455
Description  PLL-based OOK/ASK Transmitter IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4455 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT4455 Datasheet HTML 1Page - Princeton Technology Corp PT4455 Datasheet HTML 2Page - Princeton Technology Corp PT4455 Datasheet HTML 3Page - Princeton Technology Corp PT4455 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT4455
PLL-based OOK/ASK Transmitter IC
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
PT4455
is
a
high
performance
OOK/ASK
transmitter for the Remote Keyless Entry (RKE)
systems. It consists of a power amplifier, one-shot
circuit and phase-locked loop with internal voltage
controlled oscillator and loop filter. The one-shot
circuit control the phase-locked loop and power
amplifier to have fast start-up time in operation.
APPLICATIONS
 Keyless entry systems
 Remote control systems
 Garage door openers
 Alarm systems
 Security systems
 Wireless sensors
FEATURES
 Highly integrated OOK/ASK transmitter
 High output power, 3V /+11dBm /17mA
 Low supply voltage, 2.2V to 3.6V operation range
 Low external component cost.
 PLL-based transmitter with frequency range from
300MHz to 450MHz
 On-chip one-shot circuit
 60dB RF on-off ratio for OOK/ASK modulation
 Available in 6-pin, SOT-23 package
BLOCK DIAGRAM
Vreg
Oneshot
1
6
5
4
3
2
PA
VSS
DIN
VDD
XOUT
XIN
PAOUT
P
L
L


Similar Part No. - PT4455

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT4450 PTC-PT4450 Datasheet
211Kb / 11P
SAW-based ASK/OOK Transmitter IC
PT4450L PTC-PT4450L Datasheet
211Kb / 11P
SAW-based ASK/OOK Transmitter IC
logo
Texas Instruments
PT4452 TI-PT4452 Datasheet
112Kb / 4P
100-W 30-A Programmable Isolated DC/DC Converter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
PLL-based OOK/ASK/FSK Transmitter IC
PT4452-S PTC-PT4452-S Datasheet
155Kb / 4P
PLL-based OOK/ASK/FSK Transmitter IC
More results

Similar Description - PT4455

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SSTX4915 SST-SSTX4915 Datasheet
556Kb / 9P
LOW POWER ASK TRANSMITTER IC
logo
Analog Devices
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
10/04-Revision 0
logo
RF Monolithics, Inc
TXC100 RFM-TXC100 Datasheet
527Kb / 11P
Single chip OOK/ASK/FSK Transmitter IC in the 300~450 MHz frequency range.
logo
Princeton Technology Co...
PT4450 PTC-PT4450 Datasheet
211Kb / 11P
SAW-based ASK/OOK Transmitter IC
logo
Analog Devices
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
ASK/OOK Receiver
logo
List of Unclassifed Man...
RFM84 ETC2-RFM84 Datasheet
151Kb / 3P
ASK/OOK receive modulation
logo
NXP Semiconductors
OL2300 NXP-OL2300 Datasheet
1Mb / 46P
Fractional-N PLL based transmitter
Rev. 2-28 October 2010
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
PLL-based OOK/ASK/FSK Transmitter IC
PT4456 PTC-PT4456 Datasheet
180Kb / 4P
PLL-based FSK Transmitter IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com