Electronic Components Datasheet Search
  English  ▼

X  

PT4456 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT4456
Description  PLL-based FSK Transmitter IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4456 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT4456 Datasheet HTML 1Page - Princeton Technology Corp PT4456 Datasheet HTML 2Page - Princeton Technology Corp PT4456 Datasheet HTML 3Page - Princeton Technology Corp PT4456 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PT4456
PRE1.1
2
September 2014
APPLICATION CIRCUIT
XOUT
1
VSS
2
PAOUT
3
DIN
4
VDD
5
XIN
6
PT4456
X1
R2
R1
DIN
VDD
C5
C4
L2
L1
C3
C6
C1
C2
R3
R4
C7
R5
BILL OF MATERIALS
Part
Value
Unit
Notes
315MHz
433.92MHz
X1
9.84175M
13.558M
Hz
3,4,5
R1
10K
10K
Ω
R2
100K
100K
Ω
R3
0
0
Ω
R4
10
10
Ω
R5
560K
560K
Ω
3
C1
10p
10p
F
1,5
C2
10p
10p
F
1,5
C3
1μ
1μ
F
C4
220p
220p
F
C5
8.2p
4.7p
F
2
C6
18p
10p
F
2
C7
2.2μ
2.2μ
F
L1
180n
180n
H
L2
33n
27n
H
2
Notes:
1.
C1/C2 can be used to trim the transmitted signal frequency for matching the specified value.
2.
L2/C5/C6 value will depend on PCB layout.
3.
The recommend maximum ESR value of X1 is 40
Ω. To populate R5 over XIN will help to maintain good oscillation in high X1 ESR.
4.
For FSK application to have adequate frequency deviation, and accurate carrier frequency, the crystal resonator frequency will be lower than the
specified value. The recommended crystal resonator frequency is 9.84175MHz and 13.558MHz.
5.
For higher X1 ESR, load capacitor C2 can be reduced or removed to maintain good oscillation. In narrowband application with accurate frequency
requirement, trimming the C1 capacitor or change the crystal resonator frequency is suggested.
6.
The PCB layout is scaled to get good reading. The actual PCB size is about 1.1x1.3 cm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com