Electronic Components Datasheet Search
  English  ▼

X  

PT5111 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT5111
Description  61CH DV/DSC Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT5111 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT5111 Datasheet HTML 1Page - Princeton Technology Corp PT5111 Datasheet HTML 2Page - Princeton Technology Corp PT5111 Datasheet HTML 3Page - Princeton Technology Corp PT5111 Datasheet HTML 4Page - Princeton Technology Corp PT5111 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PT5111
V1.6
4
December 2017
3. PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
MOB1/SDO
O
MOB (SDO) output
1
EXT1/ST1
O
EXT (ST) output
2
OUT2B
O
CH2 output B
3
PGND12
GND
CH1/2 power GND
4
OUT2A
O
CH2 output A
5
VM12
Power Supply
CH1/2 Power supply
6
OUT1B
O
CH1 output B
7
PGND12
GND
CH1/2 power GND
8
OUT1A
O
CH1 output A
9
DGND
GND
Control GND
10
PI1
O
PI1 output
11
VCC
Power Supply
Small signal power supply
12
RESET
I
Logic reset
13
OUT6B
O
CH6 output B
14
RNF6
GND
CH6 current sense input or power GND
15
OUT6A
O
CH6 output A
16
VM6
Power Supply
CH6 power supply
17
IN6
I
Channel 5 and 6 control
18
IN5
I
Channel 5 and 6 control
19
OSCIN
I
Clock
20
PI3
O
PI3 output
21
OUT5B
O
CH5 output B
22
PGND5(RNF5)
GND
CH5 current sense input or power GND
23
OUT5A
O
CH5 output A
24
VM5
Power Supply
CH5 Power supply
25
SDAT
I
Serial data input
26
SCLK
I
Serial clock input
27
CS
I
Serial data latch control
28
IN4
I
Channel 4, 5 and 7 control
29
IN3
I
Channel 3, 4, 5 and 7 control
30
PI2
O
PI2 output
31
OUT4B
O
CH4 output B
32
PGND34
GND
CH3/4 power GND
33
OUT4A
O
CH4 output A
34
VM34
Power Supply
CH3/4 power supply
35
OUT3B
O
CH3 output B
36
PGND34
GND
CH3/4 power GND
37
OUT3A
O
CH3 output A
38
EXT2/ST2
O
EXT (ST) output
39
MOB2
O
MOB output
40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com