Electronic Components Datasheet Search
  English  ▼

X  

PT5113 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT5113
Description  5CH Motor Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT5113 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT5113 Datasheet HTML 1Page - Princeton Technology Corp PT5113 Datasheet HTML 2Page - Princeton Technology Corp PT5113 Datasheet HTML 3Page - Princeton Technology Corp PT5113 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT5113
5CH Motor Driver
Tel: 886-66296288
‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
FEATURES
 An ultra-fine CMOS process has been adopted for low power consumption in a design with no charge-pump.
 A small 24-pin QFN package (4*4mm / t=0.8mmMax / Lead pitch 0.4mm) has been adopted.
 All bridges can be driven simultaneously.
 Constant-Voltage control H-bridges Drive; Accuracy±5%(at CV DAC=4.0V)
 Constant-Current H-bridges Drive; Accuracy±5%(at CC DAC=200mV)
 A constant voltage value and a constant current value are set as arbitrary values by serial setup (4-bit).
 External resistance is unnecessary in order to change by Built-in DAC.
 Built-in thermal shutdown circuit.(shut: 150℃/return: 120℃/Hysterisis: 30℃)
 Built-in UVLO shutdown circuit.(shut: 1.8V/return: 2.0V/Hysterisis: 0.2V)
 Built-in CC mode weak excitation
 H-Bridge Drive Type/ON Resistance
- CH1~3: CV/FS Ron=1.3
(TYP) at VM=5V, I=100mA (600mA MAX)
- CH4: CC/CV/FS Ron=1.3
(TYP) at VM=5V, I=100mA (600mA MAX)
- CH5: CC/Ron=1.3
(TYP) at VM=5V, I=100mA (600mA MAX)
 DAC
- 4-bit composition
- 1~4CH Constant-Voltage: 1.8~4.8V, 0.2V/bit
- 4~5CH Constant-Current: 150~300mV, 10mV/bit
 Recommend Operating Condition
- Power-supply voltage range: VCC: 2.7~3.6V, VM: 2.7~ 5.5V
- Rated power-supply voltage: VCC: 3.3V, VM: 5.0V
BLOCK DIAGRAM
Notes:
1. FS=Full-Swing
2. CV=Constant-Voltage
3. CC=Constant-Current


Similar Part No. - PT5113

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PT511-2 ROITHNER-PT511-2 Datasheet
96Kb / 1P
TO-Can PIN Photodiode
logo
Texas Instruments
PT5110 TI-PT5110 Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110A TI-PT5110A Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110C TI-PT5110C Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110L TI-PT5110L Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT5113

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63020FP MITSUBISHI-M63020FP Datasheet
144Kb / 17P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63021FP MITSUBISHI-M63021FP Datasheet
141Kb / 17P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63022FP MITSUBISHI-M63022FP Datasheet
188Kb / 14P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Rohm
BD6754KN ROHM-BD6754KN Datasheet
355Kb / 6P
5ch Stepping Motor Driver
BD6758KN ROHM-BD6758KN Datasheet
291Kb / 6P
5ch Stepping Motor Driver
BD6879KN ROHM-BD6879KN Datasheet
315Kb / 6P
5ch Motor Driver
logo
Renesas Technology Corp
M63021FP RENESAS-M63021FP Datasheet
6Mb / 18P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63023FP RENESAS-M63023FP Datasheet
6Mb / 18P
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Princeton Technology Co...
PT5660 PTC-PT5660 Datasheet
222Kb / 5P
5CH Motor Driver
logo
Rohm
BD8203EFV ROHM-BD8203EFV_15 Datasheet
2Mb / 26P
5ch System Motor Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com