Electronic Components Datasheet Search
  English  ▼

X  

C106B Datasheet(PDF) 2 Page - ON Semiconductor

Part # C106B
Description  Sensitive Gate Silicon Controlled Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

C106B Datasheet(HTML) 2 Page - ON Semiconductor

  C106B Datasheet HTML 1Page - ON Semiconductor C106B Datasheet HTML 2Page - ON Semiconductor C106B Datasheet HTML 3Page - ON Semiconductor C106B Datasheet HTML 4Page - ON Semiconductor C106B Datasheet HTML 5Page - ON Semiconductor C106B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
C106 Series
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Max
Unit
Peak Repetitive Off−State Voltage (Note 1)
(Sine Wave, 50−60 Hz, RGK = 1 kW,
TC = −40° to 110°C)
C106B
C106D, C106D1*
C106M, C106M1*
VDRM,
VRRM
200
400
600
V
On-State RMS Current
(180
° Conduction Angles, TC = 80°C)
IT(RMS)
4.0
A
Average On−State Current
(180
° Conduction Angles, TC = 80°C)
IT(AV)
2.55
A
Peak Non-Repetitive Surge Current
(1/2 Cycle, Sine Wave, 60 Hz, TJ = +110°C)
ITSM
20
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
1.65
A2s
Forward Peak Gate Power
(Pulse Width
v1.0 msec, TC = 80°C)
PGM
0.5
W
Forward Average Gate Power
(Pulse Width
v1.0 msec, TC = 80°C)
PG(AV)
0.1
W
Forward Peak Gate Current
(Pulse Width
v1.0 msec, TC = 80°C)
IGM
0.2
A
Operating Junction Temperature Range
TJ
−40 to +110
°C
Storage Temperature Range
Tstg
−40 to +150
°C
Mounting Torque (Note 2)
−
6.0
in. lb.
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate
voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current
source such that the voltage ratings of the devices are exceeded.
2. Torque rating applies with use of compression washer (B52200F006). Mounting torque in excess of 6 in. lb. does not appreciably lower
case-to-sink thermal resistance. Anode lead and heatsink contact pad are common.
THERMAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
3.0
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
75
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8 in. from Case for 10 Seconds
TL
260
°C
ORDERING INFORMATION
Device
Package
Shipping†
C106B
TO−225AA
500 Units / Box
C106BG
TO−225AA
(Pb−Free)
500 Units / Box
C106D
TO−225AA
500 Units / Box
C106DG
TO−225AA
(Pb−Free)
500 Units / Box
C106D1*
TO−225AA
500 Units / Box
C106D1G*
TO−225AA
(Pb−Free)
500 Units / Box
C106M
TO−225AA
500 Units / Box
C106MG
TO−225AA
(Pb−Free)
500 Units / Box
C106M1*
TO−225AA
500 Units / Box
C106M1G*
TO−225AA
(Pb−Free)
500 Units / Box
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*D1 signifies European equivalent for D suffix and M1 signifies European equivalent for M suffix.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com