Electronic Components Datasheet Search
  English  ▼

X  

VLMS3100 Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMS3100
Description  Standard SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMS3100 Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMS3100 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3100 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3100 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3100 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3100 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3100 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3100 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3100 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VLMS3100, VLMS3101
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 31-Jul-15
1
Document Number: 81214
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard SMD LED PLCC-2
DESCRIPTION
This device has been designed for applications requiring
narrow brightness and color selection.
The package of this device is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• SMD LED with exceptional brightness
• Luminous intensity categorized
• Compatible
with
automatic
placement
equipment
• EIA and ICE standard package
• Compatible with infrared, vapor phase and
wave solder processes according to CECC
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to
light pipes and backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin.
≤ 1.6
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 1 kV according to
JESD22-A114-B
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
948553
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN. TYP. MAX.
MIN.
TYP.
MAX.
VLMS3100-GS08
Red
2.8
7.1
-
10
624
630
636
10
-
2.0
2.6
20
GaAsP on GaP
VLMS3100-GS18
Red
2.8
7.1
-
10
624
630
636
10
-
2.0
2.6
20
GaAsP on GaP
VLMS3101-GS08
Red
4.5
7.8
11.2
10
624
630
636
10
-
2.0
2.6
20
GaAsP on GaP
VLMS3101-GS18
Red
4.5
7.8
11.2
10
624
630
636
10
-
2.0
2.6
20
GaAsP on GaP
香港至恩科技有限公司
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - VLMS3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
Standard SMD LED PLCC-2
31-Jul-15
VLMS3100 VISHAY-VLMS3100 Datasheet
212Kb / 8P
Standard SMD LED PLCC-2
28-May-2019
VLMS3100 VISHAY-VLMS3100 Datasheet
233Kb / 7P
Standard SMD LED PLCC-2
20-Jun-2022
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
177Kb / 8P
Standard SMD LED PLCC-2
31-Jul-15
More results

Similar Description - VLMS3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMW41R2S2-5K8L-08 VISHAY-VLMW41R2S2-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
Standard SMD LED PLCC-2
26-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMB31J2L2-GS08 TO-GRACE-VLMB31J2L2-GS08 Datasheet
641Kb / 7P
Standard SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com