Electronic Components Datasheet Search
  English  ▼

X  

VLMB13.0 Datasheet(PDF) 11 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMB13.0
Description  Highbright 0603 ChipLED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMB13.0 Datasheet(HTML) 11 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button VLMB13.0 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMB13.0 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMB13.0 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMB13.0 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMB13.0 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMB13.0 Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMB13.0 Datasheet HTML 11Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMB13.0 Datasheet HTML 12Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMB13.0 Datasheet HTML 13Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
VLMS1300, VLMO1300, VLMY130., VLMG1300, VLMTG1300, VLMB13.0
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 13-Mar-18
11
Document Number: 82437
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VLMB 130., VLMTG 130.
SOLDERING PROFILE
Fig. 20 - Vishay Lead (Pb)-free Reflow Soldering Profile
(according to J-STD-020C)
BAR CODE PRODUCT LABEL (example only)
A. 2D barcode
B. Vishay part number
C. Quantity
D. PTC = selection code (binning)
E. Code of manufacturing plant
F. Batch = date code: year / week / plant code
G. Region code
H. SL = sales location
I. Terminations finishing
K. Lead (Pb)-free symbol
L. Halogen-free symbol
M. RoHS symbol
Recommended solder
pad footprint
0.8
2.3
0.3
0.3
1.6
Cathode
1.1
Not indicated tolerances ± 0.2
Drawing-No.: 6.541-5094.01-4
Issue: 1; 17.10.11
22617
technical drawings
according to DIN
specifications
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
255
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. Ramp Up 3 °C/s
max. Ramp Down 6 °C/s
255 °C
19470-5
IR Reflow Soldering Profile for lead (Pb)-free Soldering
Preconditioning acc. to JEDEC Level 3
max. 2 cycles allowed
A
B
D
C
E
F
G
H
I
M
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com