Electronic Components Datasheet Search
  English  ▼

X  

TLV9302IPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9302IPWR
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9302IPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV9302IPWR Datasheet HTML 7Page - Texas Instruments TLV9302IPWR Datasheet HTML 8Page - Texas Instruments TLV9302IPWR Datasheet HTML 9Page - Texas Instruments TLV9302IPWR Datasheet HTML 10Page - Texas Instruments TLV9302IPWR Datasheet HTML 11Page - Texas Instruments TLV9302IPWR Datasheet HTML 12Page - Texas Instruments TLV9302IPWR Datasheet HTML 13Page - Texas Instruments TLV9302IPWR Datasheet HTML 14Page - Texas Instruments TLV9302IPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
12
12.5
13
13.5
14
14.5
15
15.5
16
16.5
17
17.5
18
18.5
19
19.5
20
-40qC
25qC
85qC
125qC
D012
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
-20
-19.5
-19
-18.5
-18
-17.5
-17
-16.5
-16
-15.5
-15
-14.5
-14
-13.5
-13
-12.5
-12
-40qC
25qC
85qC
125qC
D012
Common Mode Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D010
IB
IB+
IOS
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-40
0
40
80
120
160
200
240
280
320
D011
IB
IB+
IOS
Frequency (Hz)
-20
0
0
25
20
50
40
75
60
100
80
125
100
150
100
1k
10k
100k
1M
C002
Gain
Phase
Frequency (Hz)
-30
-20
-10
0
10
20
30
40
50
60
70
100
1k
10k
100k
1M
C001
G = 1
G = -1
G = 10
G = 100
G = 1000
11
TLV9301, TLV9302, TLV9304
www.ti.com
SBOS941A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: TLV9302
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
CLOAD = 15 pF
Figure 7. Open-Loop Gain and Phase vs Frequency
Figure 8. Closed-Loop Gain and Phase vs Frequency
Figure 9. Input Bias Current vs Common-Mode Voltage
Figure 10. Input Bias Current vs Temperature
Figure 11. Output Voltage Swing vs Output Current
(Sourcing)
Figure 12. Output Voltage Swing vs Output Current
(Sinking)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com