Electronic Components Datasheet Search
  English  ▼

X  

SSM3K337R Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3K337R
Description  MOSFETs Silicon N-Channel MOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K337R Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3K337R Datasheet HTML 1Page - Toshiba Semiconductor SSM3K337R Datasheet HTML 2Page - Toshiba Semiconductor SSM3K337R Datasheet HTML 3Page - Toshiba Semiconductor SSM3K337R Datasheet HTML 4Page - Toshiba Semiconductor SSM3K337R Datasheet HTML 5Page - Toshiba Semiconductor SSM3K337R Datasheet HTML 6Page - Toshiba Semiconductor SSM3K337R Datasheet HTML 7Page - Toshiba Semiconductor SSM3K337R Datasheet HTML 8Page - Toshiba Semiconductor SSM3K337R Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SSM3K337R
2
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Drain-source voltage
Gate-source voltage
Drain current (DC)
Drain current (pulsed)
Power dissipation
Power dissipation
Channel temperature
Single-pulse active clamp capability
Storage temperature
(t ≤ 10 s)
(Note 1)
(Note 1), (Note 2)
(Note 3)
(Note 3)
(Note 4)
Symbol
VDS(DC)
VGSS
ID
IDP
PD
PD
Tch
EAS
Tstg
Rating
38
±20
2
6
1
2
150
4.5
-55 to 150
Unit
V
A
W
mJ
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Ensure that the channel temperature does not exceed 150 .
Note 2: Pulse width (PW) ≤ 10 ms, duty ≤ 1%
Note 3: Device mounted on an FR4 board. (25.4 mm × 25.4 mm × 1.6 mm ,Cu pad: 645 mm2)
Note 4: VDD = 25 V, Tch = 25 (Initial state), L = 1 mH
Note:
The MOSFETs in this device are sensitive to electrostatic discharge. When handling this device, the worktables,
operators, soldering irons and other objects should be protected against anti-static discharge.
Note:
The channel-to-ambient thermal resistance, Rth(ch-a), and the drain power dissipation, PD, vary according to
the board material, board area, board thickness and pad area. When using this device, be sure to take heat
dissipation fully into account.
2018-04-18
Rev.5.0
©2016-2018
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com