Electronic Components Datasheet Search
  English  ▼

X  

ADS8381IPFBT Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS8381IPFBT
Description  18-BIT, 580-kHz, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8381IPFBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8381IPFBT Datasheet HTML 3Page - Texas Instruments ADS8381IPFBT Datasheet HTML 4Page - Texas Instruments ADS8381IPFBT Datasheet HTML 5Page - Texas Instruments ADS8381IPFBT Datasheet HTML 6Page - Texas Instruments ADS8381IPFBT Datasheet HTML 7Page - Texas Instruments ADS8381IPFBT Datasheet HTML 8Page - Texas Instruments ADS8381IPFBT Datasheet HTML 9Page - Texas Instruments ADS8381IPFBT Datasheet HTML 10Page - Texas Instruments ADS8381IPFBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ADS8381
SLAS364D − APRIL 2002 − REVISED FEBRUARY 2005
www.ti.com
7
TIMING CHARACTERISTICS
All specifications typical at −40
°C to 85°C, +VA = 5 V, +VBD = 3 V (see Notes 1, 2, and 3)
PARAMETER
MIN
TYP
MAX
UNIT
tCONV
Conversion time
1.4
µs
tACQ
Acquisition time
0.3
µs
tHOLD
Sampling capacitor hold time
25
ns
tpd1
CONVST low to conversion started (BUSY high)
50
ns
tpd2
Propagation delay time, end of conversion to BUSY low
25
ns
tpd3
Propagation delay time, from start of conversion (internal state) to rising edge of BUSY
25
ns
tw1
Pulse duration, CONVST low
40
600
ns
tsu1
Setup time, CS low to CONVST low
20
ns
tw2
Pulse duration, CONVST high
20
ns
CONVST falling edge jitter
10
ps
tw3
Pulse duration, BUSY signal low
Min(tACQ)
µs
tw4
Pulse duration, BUSY signal high
1.4
µs
th1
Hold time, first data bus transition (CS low for read cycle, or RD or BYTE or BUS 18/16
input changes) after CONVST low
40
600
ns
td1
Delay time, CS low to RD low
0
ns
tsu2
Setup time, RD high to CS high
0
ns
tw5
Pulse duration, RD low
50
ns
ten
Enable time, RD low (or CS low for read cycle) to data valid
30
ns
td2
Delay time, data hold from RD high
10
ns
td3
Delay time, BUS18/16 or BYTE rising edge or falling edge to data valid
10
30
ns
tw6
Pulse duration, RD high time
20
ns
tw7
Pulse duration, CS high time
20
ns
th2
Hold time, last CS rising edge or changes of RD, BYTE, or BUS18/16 to CONVST
falling edge
125
ns
tpd4
Propagation delay time, BUSY falling edge to next RD (or CS for read cycle) falling
edge
Max(td5)
ns
td4
Delay time, BYTE edge to BUS18/16 edge skew
0
ns
tsu3
Setup time, BYTE or BUS18/16 transition to RD falling edge
10
ns
th3
Hold time, BYTE or BUS18/16 transition to RD falling edge
10
ns
tdis
Disable time, RD High (CS high for read cycle) to 3-stated data bus
30
ns
td5
Delay time, BUSY low to MSB data valid delay time
40
ns
tsu5
Setup time, BYTE transition to next BYTE transition, or BUS18/16 transition to next
BUS18/16 transition
50
ns
tsu(AB)
Setup time, from the falling edge of CONVST (used to start the valid conversion) to the
next falling edge of CONVST (when CS = 0 and CONVST used to abort) or to the next
falling edge of CS (when CS is used to abort).
70
1000
ns
tf(CONVST) Falling time, (CONVST falling edge)
10
30
ns
tsu6
Setup time, CS falling edge to CONVST falling edge when RD = 0
125
ns
(1) All input signals are specified with tr = tf = 5 ns (10% to 90% of +VBD) and timed from a voltage level of (VIL + VIH)/2 except for CONVST.
(2) See timing diagrams.
(3) All timing are measured with 10 pF equivalent loads on all data bits and BUSY pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com