Electronic Components Datasheet Search
  English  ▼

X  

YRM22F5BBCEN Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # YRM22F5BBCEN
Description  Rocker Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

YRM22F5BBCEN Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  YRM22F5BBCEN Datasheet HTML 1Page - ZF Friedrichshafen AG YRM22F5BBCEN Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2016-01-20, Specifications subject to change without notice.
Rocker Switch
Double (and Single) Pole
YR Series
Features
•
Lighted and non-lighted versions
•
RoHS Compliant
•
Minimum 50,000 operations mechanical life
•
High current rating – up to 20 A
Standard Parts
1
North America and Europe
Europe
YRM32F2BBBNN
YRM32F2BBRLN
YRM32F2FBBNN
YRM33F2BBBNN
YRM32F2BBREN
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or
your distributor.
Part Number Breakdown
YRM32F2FBBNN
YR M 3 2 F 2
Series
Contact Rating
2
Circuitry
Switch Function
Terminal Type
Actuator Type
YR
M
2
Single pole
2
ON-OFF
F
6.4 mm (0.250”) quick
connect
2
Curved
3
Double pole
3
ON-ON
5
Flat
6
(ON)-ON
2See Electrical Specifications section
F B B N N 01
Actuator Marking
Housing Color
Actuator Color
Lighted
Body Type
B
Blank
B
Black
A
Amber
N
Non-lighted
N
4
No rocker boot
C
HI
LO
W
White
B
Black
E
250 VAC bulb
D
ON
OFF
Y
Grey
C
Brown
L
125 VAC bulb
E
O
I
G
Green
H
12 VDC LED
3
F
I
O
M
Yellow
G
6 VDC LED
3
R
Red
F
5 VDC LED
3
U
Blue
K
250 VAC small
red bulb
W
White
J
125 VAC small
red bulb
Y
Grey
3Switches have no agency DC ratings
4A splash-proof boot (with bezel) can be ordered separately as part number 00150646


Similar Part No. - YRM22F5BBCEN

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
DUAL REDUNDANCY MODULE
More results

Similar Description - YRM22F5BBCEN

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
CW Industries
GRB214A2NABA1 CWIND-GRB214A2NABA1 Datasheet
53Kb / 1P
ROCKER SWITCH
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com