Electronic Components Datasheet Search
  English  ▼

X  

AM79Q02 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AM79Q02
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q02 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AM79Q02 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
SLAC Products
5
ORDERING INFORMATION
Standard Products
Legerity standard products are available in several packages and operating ranges. The order number (Valid
Combination) is formed by a combination of the elements below.
Am79Q02/021/031
J
TEMPERATURE RANGE
C = Commercial (0
°C to 70°C;
Relative Humidity = 15% to 95%)
*
PACKAGE TYPE
J = 44-Pin Plastic Leaded Chip Carrier (PL 044)
—Am79Q02/021 Only
32-Pin Plastic Leaded Chip Carrier (PL 032)
—Am79Q031
V = 44-Pin Thin Quad Flat Pack (PQT 044)
—Am79Q021 Only
DEVICE NUMBER/DESCRIPTION
Am79Q02/021/031
Quad Subscriber Line Audio-Processing Circuit (QSLAC) Device
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local Legerity sales office to confirm availabil-
ity of specific valid combinations, to check on new-
ly released combinations, and to obtain additional
data on Legerity’s standard military–grade prod-
ucts.
C
Note:
* Functionality of the device from 0
°C to +70°C is guaranteed by production testing. Performance from –40°C to +85°C
is guaranteed by characterization and periodic sampling of production units.
Valid Combinations
Am79Q02
JC
Am79Q021
JC
Am79Q031
JC
Am79Q021
VC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com