Electronic Components Datasheet Search
  English  ▼

X  

D44H10 Datasheet(PDF) 3 Page - ON Semiconductor

Part # D44H10
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

D44H10 Datasheet(HTML) 3 Page - ON Semiconductor

  D44H10 Datasheet HTML 1Page - ON Semiconductor D44H10 Datasheet HTML 2Page - ON Semiconductor D44H10 Datasheet HTML 3Page - ON Semiconductor D44H10 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D44H Series (NPN), D45H Series (PNP)
www.onsemi.com
3
Figure 1. D44H11 DC Current Gain
Figure 2. D45H11 DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.01
10
100
1000
10
1
0.1
0.01
10
100
1000
VCE = 1 V
125
°C
Figure 3. D44H11 DC Current Gain
Figure 4. D45H11 DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.01
10
100
1000
10
1
0.1
0.01
10
100
1000
VCE = 5 V
Figure 5. D44H11 ON−Voltage
Figure 6. D45H11 ON−Voltage
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0
0.05
0.40
10
1
0.1
0
0.1
0.3
0.6
VCE(sat) @ IC/IB = 10
−40
°C
25
°C
VCE = 1 V
125
°C
−40
°C
25
°C
125
°C
−40
°C
25
°C
VCE = 5 V
125
°C
−40
°C
25
°C
125
°C
−40
°C
25
°C
0.10
0.15
0.20
0.25
0.30
0.35
0.2
0.5
0.4
VCE(sat) @ IC/IB = 10
125
°C
−40
°C
25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com