Electronic Components Datasheet Search
  English  ▼

X  

AM79Q021VC Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # AM79Q021VC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q021VC Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button AM79Q021VC Datasheet HTML 45Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 46Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 47Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 48Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 49Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 50Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 51Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 52Page - List of Unclassifed Manufacturers AM79Q021VC Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
SLAC Products
49
37, 38. Write/Read B1 Filter Coefficients
MPI Command
(86/87h)
R/W = 0: Write
R/W = 1: Read
The Z-transform equation for the B filter is defined as:
Sample rate = 16 kHz
The coefficients for the FIR B section and the gain of the IIR B section are defined as:
For i = 2 to 10,
The feedback coefficient of the IIR B section is defined as:
Refer to Commands 43, 44 for programming of the B11 coefficients.
Power Up and Hardware Reset (RST) Values = 36 AB B8 22 93 AB 2B 6C 46 2C 63 B6 9F 60 (Hex)
(
)
See note under Commands 31 and 32.
RSVD
Reserved for future use. Always write as 0, but 0 is not guaranteed when read.
D7
D6
D5
D4
D3
D2
D1
D0
Command
1
0
0
0
0
1
1
R/W
I/O Input Data Byte 1
C32
m32
C22
m22
I/O Input Data Byte 2
C12
m12
C33
m33
I/O Input Data Byte 3
C23
m23
C13
m13
I/O Input Data Byte 4
C34
m34
C24
m24
I/O Input Data Byte 5
C14
m14
C35
m35
I/O Input Data Byte 6
C25
m25
C15
m15
I/O Input Data Byte 7
C36
m36
C26
m26
I/O Input Data Byte 8
C16
m16
C37
m37
I/O Input Data Byte 9
C27
m27
C17
m17
I/O Input Data Byte 10
C38
m38
C28
m28
I/O Input Data Byte 11
C18
m18
C39
m39
I/O Input Data Byte 12
C29
m29
C19
m19
I/O Input Data Byte 13
C310
m310
C210
m210
I/O Input Data Byte 14
C110
m110
RSVD
RSVD
HB z
() B2 z
2
–
… B9
++
•
z
9
–
•
B10 z
10
–
•
1B11 z
1
–
•
–
------------------------------
+
=
Bi
C1i 2
mli
–
•
1C2i 2
m2i
–
•
1C3i 2
m3i
–
•
+
()
+
[]
=
B11
C111 2
m111
–
•
1C211 2
m211
–
•
1C311 2
m311
–
1C411 2
m411
–
•
+
()
•
+
[]
+
{}
=
HB z )
0.254 z
2
–
•
–
0.891 z
3
–
0.656 z
4
–
0.090 z
5
–
0.013 z
6
–
•
+
•
–
•
–
•
–
0.017 z
7
–
•
+
=
(
0.014 z
8
–
•
0.013 z
9
–
0.016 z
10
–
•
1 0.97656 z
1
–
•
–
-----------------------------------------
+
•
++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com