Electronic Components Datasheet Search
  English  ▼

X  

2823751 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2823751
Description  Relay connectors - ST-REL2-KG120/1AU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2823751 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2823751 Datasheet HTML 1Page - PHOENIX CONTACT 2823751 Datasheet HTML 2Page - PHOENIX CONTACT 2823751 Datasheet HTML 3Page - PHOENIX CONTACT 2823751 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2823751
10/20/2014   Page 1 / 4
Relay connectors - ST-REL2-KG120/1AU - 2823751
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay connector, equipped with miniature switching relay, contacts (AgPd60): small loads, 1 N/O contact, input
voltage 120 V AC/DC, with light indicator, can be plugged on basic termination blocks
The illustration shows version ST-
REL 2-KG 24/1 AU
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
34.98 GRM
Custom tariff number
85364900
Country of origin
Germany
Technical data
Dimensions
Width
14.6 mm
Height
33 mm
Depth
66.5 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Coil side
Nominal input voltage UN
120 V AC/DC
Input voltage range in reference to UN
0.8 ... 1.06
Typical input current at UN
5 mA
Typical response time
7 ms (with DC)


Similar Part No. - 2823751

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2823706 PHOENIX-2823706 Datasheet
78Kb / 4P
Relay connectors - ST-REL2-KG120/2
2823722 PHOENIX-2823722 Datasheet
79Kb / 4P
Relay connectors - ST-REL2-KG 24/1AU
2823735 PHOENIX-2823735 Datasheet
77Kb / 4P
Relay connectors - ST-REL2-KG 48/1AU
2823777 PHOENIX-2823777 Datasheet
76Kb / 4P
Relay connectors - ST-REL2-KG 24/2AU
2823780 PHOENIX-2823780 Datasheet
76Kb / 4P
Relay connectors - ST-REL2-KG 48/2AU
More results

Similar Description - 2823751

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2823337 PHOENIX-2823337 Datasheet
90Kb / 4P
Relay connectors - ST-REL4-KG120/21-21
2823654 PHOENIX-2823654 Datasheet
118Kb / 5P
ST-REL2-KG120/1
2823706 PHOENIX-2823706 Datasheet
78Kb / 4P
Relay connectors - ST-REL2-KG120/2
2823722 PHOENIX-2823722 Datasheet
79Kb / 4P
Relay connectors - ST-REL2-KG 24/1AU
2823735 PHOENIX-2823735 Datasheet
77Kb / 4P
Relay connectors - ST-REL2-KG 48/1AU
2823803 PHOENIX-2823803 Datasheet
79Kb / 4P
Relay connectors - ST-REL2-KG120/2AU
2826473 PHOENIX-2826473 Datasheet
77Kb / 4P
Relay connectors - ST-REL2-KG220DC/1AU
2826486 PHOENIX-2826486 Datasheet
80Kb / 4P
Relay connectors - ST-REL2-KG230AC/1AU
2826509 PHOENIX-2826509 Datasheet
79Kb / 4P
Relay connectors - ST-REL2-KG230AC/2
2826525 PHOENIX-2826525 Datasheet
79Kb / 4P
Relay connectors - ST-REL2-KG230AC/1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com