Electronic Components Datasheet Search
  English  ▼

X  

2825513 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2825513
Description  Relay connectors - ST-REL4-SW230/21-21
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2825513 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2825513 Datasheet HTML 1Page - PHOENIX CONTACT 2825513 Datasheet HTML 2Page - PHOENIX CONTACT 2825513 Datasheet HTML 3Page - PHOENIX CONTACT 2825513 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2825513
10/20/2014   Page 1 / 4
Relay connectors - ST-REL4-SW230/21-21 - 2825513
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 2 PDT, input voltage
230 V AC, with light indicator, can be plugged onto basic termination blocks
The illustration shows version ST-
REL 4-SG 48/21-21
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
67.94 GRM
Custom tariff number
85364900
Country of origin
Germany
Technical data
Dimensions
Width
27 mm
Height
33 mm
Depth
66.5 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Coil side
Nominal input voltage UN
230 V AC
Input voltage range in reference to UN
0.8 ... 1.06
Typical input current at UN
7 mA
Typical response time
4 ms ... 15 ms (with AC)


Similar Part No. - 2825513

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2825539 PHOENIX-2825539 Datasheet
127Kb / 4P
ST-REL4-SW 24/21-21
2825568 PHOENIX-2825568 Datasheet
87Kb / 4P
Relay connectors - ST-REL4-SW120/21-21
More results

Similar Description - 2825513

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2823298 PHOENIX-2823298 Datasheet
90Kb / 4P
Relay connectors - ST-REL4-KG 60/21-21
2823337 PHOENIX-2823337 Datasheet
90Kb / 4P
Relay connectors - ST-REL4-KG120/21-21
2823353 PHOENIX-2823353 Datasheet
90Kb / 4P
Relay connectors - ST-REL4-KG 48/21-21
2823405 PHOENIX-2823405 Datasheet
87Kb / 4P
Relay connectors - ST-REL4-HG 24/21-21
2823421 PHOENIX-2823421 Datasheet
87Kb / 4P
Relay connectors - ST-REL4-HG110/21-21
2823434 PHOENIX-2823434 Datasheet
87Kb / 4P
Relay connectors - ST-REL4-HG220/21-21
2823476 PHOENIX-2823476 Datasheet
87Kb / 4P
Relay connectors - ST-REL4-HW230/21-21
2825429 PHOENIX-2825429 Datasheet
87Kb / 4P
Relay connectors - ST-REL4-SG110/21-21
2825432 PHOENIX-2825432 Datasheet
87Kb / 4P
Relay connectors - ST-REL4-SG220/21-21
2825568 PHOENIX-2825568 Datasheet
87Kb / 4P
Relay connectors - ST-REL4-SW120/21-21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com