Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G125 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 74LVC1G125
Description  Low Voltage CMOS Logic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74LVC1G125 Datasheet(HTML) 5 Page - Silicon Supplies

  74LVC1G125 Datasheet HTML 1Page - Silicon Supplies 74LVC1G125 Datasheet HTML 2Page - Silicon Supplies 74LVC1G125 Datasheet HTML 3Page - Silicon Supplies 74LVC1G125 Datasheet HTML 4Page - Silicon Supplies 74LVC1G125 Datasheet HTML 5Page - Silicon Supplies 74LVC1G125 Datasheet HTML 6Page - Silicon Supplies 74LVC1G125 Datasheet HTML 7Page - Silicon Supplies 74LVC1G125 Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5 of 8 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Low Voltage CMOS Logic – 74LVC1G125
Rev 1.0
29/06/19
AC Electrical Characteristics6
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
1.65 - 1.95V
CL = 30pF,
Input
tr = tf ≤ 2ns,
RL = 1kΩ,
VIN = VCC
8
8
8
2.3 - 2.7V
CL = 30pF,
Input
tr = tf ≤ 2ns,
RL = 500Ω,
VIN = VCC
5.5
5.5
5.5
2.7V
CL = 50pF,
Input
tr = tf ≤ 2.5ns,
RL = 500Ω,
VIN = 2.7V
5.5
5.5
5.5
3.0 - 3.6V
CL = 50pF,
Input
tr = tf ≤ 2.5ns,
RL = 500Ω,
VIN = 2.7V
4.5
4.5
4.5
Propagation
Delay
Input A to
Output Y
(Figure 1,3)
tPLH / tPHL
4.5 - 5.5V
CL = 50pF,
Input
tr = tf ≤ 2.5ns,
RL = 500Ω,
VIN = VCC
4.0
4.0
4.0
ns
 
6. Not production tested in die form, characterized by chip design and tested in package
DC Electrical Characteristics Continued (Voltages Referenced to GND)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
Power-Off
Leakage
Current
IOFF
0V
VIN or VOUT
= 5.5V
±2
±2
±2
µA
Supply
Current
ICC
1.65 -5.5V
VIN = 5.5V
or GND,
IOUT = 0A
4
4
4
µA
Additional
Supply
Current
ΔICC
2.3 - 5.5V
VIN = VCC -
0.6V, IOUT =0A,
Per pad
500
500
500
µA
TYPICAL
Input
Capacitance
CIN
3.3V
VIN = GND to
VCC, TJ = 25°C
5
pF
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com